Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P40P42A12P1-120 Datasheet(PDF) 2 Page - Tyco Electronics

Part # P40P42A12P1-120
Description  Definite Purpose Magnetic Contactor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

P40P42A12P1-120 Datasheet(HTML) 2 Page - Tyco Electronics

  P40P42A12P1-120 Datasheet HTML 1Page - Tyco Electronics P40P42A12P1-120 Datasheet HTML 2Page - Tyco Electronics P40P42A12P1-120 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
824
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 5-05)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P30P42A12P1-120
P30P42D12P1-24
P30P47A12P1-120
P30P47D12P1-24
P40P42A12P1-24
P40P42A12P1-120
P40P42A12P1-240
P40P42D12P1-24
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Ordering Information
Typical Part No.
B
P30
P
42
A
1
4
P
1
-240
1. Type:
P30 = Definite Purpose Contactor, 30 amp.
P40 = Definite Purpose Contactor, 40 amp.
2. Auxiliary Switch:
P = No Aux. Switch
C = 1 Form C (SPDT)
F = 2 Form C (DPDT)
3. Main Contact Arrangement:
42 =
3 Form X (3PST-NO-DM)
47 = 4 Form X (4PST-NO-DM)
43 =
2 Form X (DPST-NO-DM)
48 = 2 Form X (DPST-NO-DM)
& 1 Form Y (SPST-NC-DB)
& 2 Form Y (DPST-NC-DB)
45 =
1 Form X (SPST-NO-DB)
49 = 4 Form Y (4PST-NC-DB)
& 2 Form Y (DPST-NC-DB)
Other contact arrangements are available.
4. Coil Control Input:
A = Alternating Current, 50/60 Hz.
D = Direct Current
5. Mounting and Installed Accessories:
1 = Standard Mounting
6. Main Contact Terminals:
2 = Screw Terminals
5 = Captive Pressure Plate
3 = Screw Terminals & Dual .250” (6.35mm) Quick Connect
6 = Box Lug & Dual .250” (6.35mm) Quick Connect
4 = Box Lug
7. Auxiliary Contact Terminals:
P = No Auxiliary Switch
C = .187” (4.75mm) Quick Connect
8. Coil Terminals:
1 = Combination 8-32* Screw Terminal and .250” (6.35mm) Quick Connect
9. Coil Voltage:
24, 120, 240 or 277VAC
12, 24 or 120VDC


Similar Part No. - P40P42A12P1-120

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
P40P42A12P1-120 TEC-P40P42A12P1-120 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
More results

Similar Description - P40P42A12P1-120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393132-1 MACOM-2-1393132-1 Datasheet
99Kb / 3P
   Definite Purpose Magnetic Contactor
2-1393132-5 MACOM-2-1393132-5 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
P25-0505 MACOM-P25-0505 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
logo
TE Connectivity Ltd
P30 TEC-P30 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
P25 TEC-P25 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
logo
List of Unclassifed Man...
P40C42D12C1 ETC2-P40C42D12C1 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Tyco Electronics
2-1393132-6 MACOM-2-1393132-6 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
2-1393132-0 MACOM-2-1393132-0 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
2-1393132-3 MACOM-2-1393132-3 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
2-1393132-4 MACOM-2-1393132-4 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com