Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6183L-00A1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCA-6183L-00A1
Description  Pentium III/Celeron CPU Cards
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCA-6183L-00A1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCA-6183L-00A1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information
Specifications
PCA-6183
Pentium® III/CeleronTM CPU Cards
Socket 370 Pentium III/Celeron (Tualatin) Card with 64-bit PCI/VGA/Dual LAN/HISA (133 MHz FSB)
Features
• Socket 370 Pentium III/Celeron up to 1.26 GHz
• Up to 4 GB registered SDRAM
• On-board high performance VGA with 8 MB SDRAM
• Supports 10/100/1000 Base-T Ethernet or dual 10/100
Base-T Ethernet, Broadcom 5701/Intel 82559 controller
• 64-bit/66 MHz PCI bus interface
• On-board hardware monitoring
• CMOS automatic backup and restore to prevent
accidental data loss of BIOS setup
Packing List
Accessory Options
USB cable
1700100170
SCSI cable (125 cm) with terminator
1701060000
FDD cable
X 1
1700340640
IDE HDD cable
X 2
1701406007
Printer + COM cable
X 1
1701260305
Y cable for PS/2 mouse & keyboard
X 1
1700060202
(only for L, V, VG, GS versions)
Single-slot bracket
X 1
1962159010
Jumper pack
X 1
9689000068
Startup manual
X 1
--
Utility CD
X 1
--
NEW
e
m
a
N
l
e
d
o
M
A
S
I
H
)
I
C
P
(
A
G
V
I
S
C
S
N
A
L
T
-
e
s
a
B
0
0
1
/
0
1
/
0
0
1
/
0
1
N
A
L
T
-
e
s
a
B
0
0
0
1
1
A
0
0
-
L
3
8
1
6
-
A
C
P
v
-
-
-
-
-
-
-
-
1
A
0
0
-
V
3
8
1
6
-
A
C
P
v
v
-
-
-
-
-
-
1
A
0
0
-
2
E
3
8
1
6
-
A
C
P
v
v
-
-
l
a
u
D
-
-
1
A
0
0
-
G
V
3
8
1
6
-
A
C
P
v
v
-
-
-
-
e
l
g
n
i
S
1
A
0
0
-
F
3
8
1
6
-
A
C
P
v
v
v
l
a
u
D
-
-
1
A
0
0
-
S
G
3
8
1
6
-
A
C
P
v
v
v
-
-
e
l
g
n
i
S
Processor System
CPU
Intel Pentium III
Intel Celeron
Max. Speed
1.26 GHz
1.2 GHz
L2 Cache
512/256/128 KB
Chipset
ServerWorks ServerSet 30LC-T
BIOS
Award 2 Mb Flash
Bus
Front Side Bus
100/133 MHz
PCI
64-bit/66 MHz
ISA
HISA (ISA high drive)
Memory
Technology
PC-133/100 registered SDRAM with ECC
Max. Capacity
4 GB
Socket
168-pin DIMM x4
Graphic
Controller
ATI RAGE XL
VRAM
8 MB SDRAM
Ethernet
Interface
10/100 Base-T x2; 10/100/1000 Base-T (Option)
Controller
Intel 82559 x2; Broadcom 5701
Connector
RJ-45 x2
EIDE
Mode
PIO Mode 4, Ultra DMA/33
Channel
2 (Max. four devices)
SCSI
Interface
Ultra 160
Controller
Adaptec 7899W
Max. Data Transfer Rate
160 MB/sec.
Channel
2
I/O Interface
USB
4 (USB 1.1 compliant)
Serial
2 (RS-232)
Parallel
1 (SPP/EPP/ECP)
FDD
2
PS/2
1 (for L, V, VG, GS versions)
2 (for E2, F versions)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable, 1 ~ 63 sec.
Miscellaneous
Solid State Disk
IDE flash disk
Power Requirement
Typical
Pentium III 1.26 GHz, 4 GB SDRAM
+5 V
+12 A
-12 V
8 A
492 mA
212 mA
Environment
Operating
Non-Operating
Temperature
0 ~ 60 °C (32 ~ 140 °F)
-20 ~ 70 °C (-4 ~ 158 °F)
Physical
Dimensions
338 x 122 mm (13.3" x 4.8")
• All brand names and registered trademarks are the property of their
respective owner
• All specifications are subject to change without notice
Date of Publication: 2002-05-15
www.advantech.com


Similar Part No. - PCA-6183L-00A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6186-B ADVANTECH-PCA-6186-B Datasheet
342Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN
PCA-6186E2-00B2E ADVANTECH-PCA-6186E2-00B2E Datasheet
342Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN
PCA-6186G2-00B2E ADVANTECH-PCA-6186G2-00B2E Datasheet
342Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN
PCA-6186LV-00B2E ADVANTECH-PCA-6186LV-00B2E Datasheet
342Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN
PCA-6186VE-00B2E ADVANTECH-PCA-6186VE-00B2E Datasheet
342Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN
More results

Similar Description - PCA-6183L-00A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCA-6278 ETC-PCA-6278 Datasheet
121Kb / 1P
   Dual Pentium III CPU Cards
EES-5610 ETC-EES-5610 Datasheet
331Kb / 1P
   Intel Pentium III / Celeron Mini PC
logo
AAEON Technology
PCM-6897 AAEON-PCM-6897 Datasheet
678Kb / 1P
   Intel Pentium III or Celeron Processors
PCM-6897L AAEON-PCM-6897L Datasheet
726Kb / 1P
   Intel Pentium III or Celeron Processors
PCM-6890B AAEON-PCM-6890B Datasheet
372Kb / 1P
   Intel Pentium III and Celeron Processors
SBC-659P AAEON-SBC-659P Datasheet
410Kb / 1P
   Intel Pentium III and Celeron Processors
logo
List of Unclassifed Man...
PCM-6893 ETC-PCM-6893 Datasheet
227Kb / 1P
   Socket 370 based Pentium III Celeron Processor
ECM-5610 ETC-ECM-5610 Datasheet
170Kb / 1P
   5.25 Intel Pentium III / Celeron Mini Module
logo
AAEON Technology
PCM-6898 AAEON-PCM-6898 Datasheet
393Kb / 1P
   Intel Pentium III and Celeron Processors, VIA C3 Processor
logo
Advantech Co., Ltd.
SOM-7568 ADVANTECH-SOM-7568 Datasheet
823Kb / 2P
   Intel Pentium/Celeron N3000 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com