Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QDN006LF-24 Datasheet(PDF) 2 Page - TT Electronics.

Part # QDN006LF-24
Description  Low leakage current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN006LF-24 Datasheet(HTML) 2 Page - TT Electronics.

  QDN006LF-24 Datasheet HTML 1Page - TT Electronics. QDN006LF-24 Datasheet HTML 2Page - TT Electronics. QDN006LF-24 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Bidirectional
TVS Diode Array
QDN006LF Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount
TVS Diode Array
Schematic Data
1
Power Rating Data
10 20 30 40 50 60 70 80 90 100
500
250
0
Time (µs)
Overshoot and Clamping Voltage
25kv 1/30ns waveform ESD Pulse Test
0
5
10
15
20
25
30
t
f
e-t
Pulse Waveform
I @ t = 8µs
PP
f
½I @ t = 20µs
PP
d
Waveform Parameters
Time t (us)
100
80
60
40
20
0
ESD Pulse Waveform Data
0.1
1
10
100
1,00
0
Peak Pulse Power vs Time
10,000
1,000
10
1
Pulse Duration t (µs)
d
25
70
150
100
40
60
80
20
Peak Pulse Power
8/20µs
Average Power
Ambient Temperature (°C)
Power vs Temperature
300W 8/20µs Waveform
125
Level
Initial
Peak
Current
Peak
Current
30ns
Peak
Currnet
60ns
Test
Voltage
Contact
Test
Voltage
Air
(A)
(A)
(A)
(kV)
(kV)
1
7.5
4.0
8.0
2.0
2.0
2
15.0
8.0
4.0
4.0
4.0
3
22.5
12.0
6.0
6.0
8.0
4
30.0
16.0
8.0
8.0
15.0
Discharge Data (IRC 61000-4-2)
QDN006LF Series Issue September 2010 Sheet 2 of 3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - QDN006LF-24

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN004 TTELEC-QDN004 Datasheet
305Kb / 4P
   Unidirectional & bidirectional confi gurations
QDN004LF-B03 TTELEC-QDN004LF-B03 Datasheet
305Kb / 4P
   Unidirectional & bidirectional confi gurations
More results

Similar Description - QDN006LF-24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
logo
Shanghai Semitech Semic...
ZY3.6 SEMITECH-ZY3.6 Datasheet
48Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETH3006SHM3 VISHAY-VS-ETH3006SHM3 Datasheet
135Kb / 7P
   Low leakage current
Revision: 10-Jul-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com