Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGBR10L60CL-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TGBR10L60CL-TF3-T
Description  Low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TGBR10L60CL-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TGBR10L60CL-TF3-T Datasheet HTML 1Page - Unisonic Technologies TGBR10L60CL-TF3-T Datasheet HTML 2Page - Unisonic Technologies TGBR10L60CL-TF3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TGBR10L60C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R232-049.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
60
V
Working Peak Reverse Voltage
VRWM
60
V
Peak Repetitive Reverse Voltage
VRRM
60
V
Per Leg
5
A
Average Rectified Output Current
Total
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
90
A
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
2
Typical Thermal Resistance
TO-220F
θJC
4
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.5mA
60
V
IF=5A, TJ=25°C
0.63
V
Forward Voltage Drop
VFM
IF=5A, TJ=125°C
0.58
V
VR=60V, TJ=25°C
300
μA
Leakage Current
IRM
VR=60V, TJ=125°C
30
mA
Note: Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.


Similar Part No. - TGBR10L60CL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR10L100CG-TA3-T UTC-TGBR10L100CG-TA3-T Datasheet
156Kb / 3P
   Low forward voltage drop
TGBR10L100CG-TF3-T UTC-TGBR10L100CG-TF3-T Datasheet
156Kb / 3P
   Low forward voltage drop
TGBR10L100CL-TA3-T UTC-TGBR10L100CL-TA3-T Datasheet
156Kb / 3P
   Low forward voltage drop
TGBR10L100CL-TF3-T UTC-TGBR10L100CL-TF3-T Datasheet
156Kb / 3P
   Low forward voltage drop
TGBR10L100G-TA3-T UTC-TGBR10L100G-TA3-T Datasheet
160Kb / 3P
   Low forward voltage drop
More results

Similar Description - TGBR10L60CL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com