Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE76084-T1A Datasheet(PDF) 6 Page - NEC

Part # NE76084-T1A
Description  C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE76084-T1A Datasheet(HTML) 6 Page - NEC

Back Button NE76084-T1A Datasheet HTML 2Page - NEC NE76084-T1A Datasheet HTML 3Page - NEC NE76084-T1A Datasheet HTML 4Page - NEC NE76084-T1A Datasheet HTML 5Page - NEC NE76084-T1A Datasheet HTML 6Page - NEC NE76084-T1A Datasheet HTML 7Page - NEC NE76084-T1A Datasheet HTML 8Page - NEC NE76084-T1A Datasheet HTML 9Page - NEC NE76084-T1A Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NE76084
6
AMP. PARAMETERS
VDS = 3 V, ID = 10 mA
FREQUENCY
GUmax.
GAmax.
|S21|2
|S12|2
K
Delay
Mason’s U
G1
G2
MHz
dB
dB
dB
dB
ns
dB
dB
dB
500
33.02
9.30
–38.67
0.08
0.051
35.846
21.62
2.10
1000
27.83
9.22
–32.75
0.13
0.051
32.671
16.55
2.06
1500
24.50
9.11
–29.44
0.19
0.051
30.124
13.39
2.00
2000
21.87
8.95
–27.17
0.25
0.049
27.520
11.02
1.91
2500
20.08
8.78
–25.50
0.30
0.048
26.456
9.48
1.81
3000
18.61
8.61
–24.22
0.35
0.047
25.794
8.29
1.71
3500
17.32
8.42
–23.24
0.40
0.046
24.722
7.30
1.60
4000
16.14
8.20
–22.47
0.46
0.046
23.833
6.44
1.50
4500
15.13
7.98
–21.87
0.52
0.044
23.043
5.75
1.39
5000
14.20
7.74
–21.38
0.57
0.043
22.182
5.16
1.30
5500
13.39
7.50
–21.02
0.63
0.043
21.487
4.68
1.21
6000
12.66
7.23
–20.76
0.69
0.041
20.671
4.28
1.15
6500
12.01
6.97
–20.55
0.75
0.040
20.221
3.96
1.08
7000
11.44
6.72
–20.42
0.80
0.038
19.654
3.69
1.03
7500
10.93
6.47
–20.33
0.85
0.037
19.247
3.47
0.99
8000
10.48
6.25
–20.25
0.90
0.036
18.929
3.27
0.96
8500
10.09
6.04
–20.16
0.94
0.035
18.779
3.10
0.95
9000
9.71
5.86
–20.08
0.99
0.035
18.378
2.93
0.93
9500
9.40
11.93
5.70
–19.99
1.02
0.034
18.331
2.77
0.93
10000
9.06
11.21
5.53
–19.85
1.06
0.035
17.972
2.62
0.91
10500
8.76
10.66
5.38
–19.80
1.10
0.034
17.332
2.47
0.92
11000
8.47
10.23
5.23
–19.68
1.13
0.034
16.850
2.33
0.91
11500
8.19
9.84
5.07
–19.58
1.17
0.034
16.224
2.20
0.92
12000
7.96
9.56
4.94
–19.45
1.19
0.033
15.764
2.08
0.94
12500
7.73
9.29
4.79
–19.32
1.21
0.034
15.275
1.98
0.96
13000
7.55
9.13
4.66
–19.16
1.21
0.033
15.008
1.87
1.01
13500
7.37
8.95
4.55
–18.96
1.22
0.033
14.639
1.78
1.04
14000
7.24
8.85
4.46
–18.75
1.21
0.034
14.410
1.68
1.10
14500
7.11
8.76
4.39
–18.50
1.20
0.034
14.165
1.58
1.14
15000
7.00
8.73
4.31
–18.21
1.17
0.035
14.046
1.48
1.21
15500
6.91
8.67
4.27
–17.98
1.16
0.036
13.754
1.36
1.28
16000
6.76
8.52
4.17
–17.70
1.16
0.036
13.255
1.25
1.33
16500
6.67
8.47
4.12
–17.43
1.14
0.037
12.958
1.14
1.41
17000
6.57
8.39
4.06
–17.18
1.13
0.038
12.636
1.04
1.47
17500
6.48
8.34
3.97
–16.98
1.12
0.038
12.338
0.94
1.57
18000
6.39
8.24
3.90
–16.78
1.12
0.040
11.963
0.85
1.64


Similar Part No. - NE76084-T1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE76084-T1A RENESAS-NE76084-T1A Datasheet
190Kb / 14P
   GaAs MES FET
1989
More results

Similar Description - NE76084-T1A

ManufacturerPart #DatasheetDescription
logo
NEC
NE713 NEC-NE713 Datasheet
92Kb / 16P
   L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NE76118 NEC-NE76118 Datasheet
51Kb / 8P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com