Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70T3589S166BFGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70T3589S166BFGI
Description  HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3589S166BFGI Datasheet(HTML) 1 Page - Integrated Device Technology

  70T3589S166BFGI Datasheet HTML 1Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 2Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 3Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 4Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 5Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 6Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 7Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 8Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2014 Integrated Device Technology, Inc.
MARCH 2014
DSC 5666/11
1
Functional Block Diagram
Interrupt and Collision Detection Flags
Separate byte controls for multiplexed bus and bus
matching compatibility
Dual Cycle Deselect (DCD) for Pipelined Output Mode
2.5V (±100mV) power supply for core
LVTTL compatible, selectable 3.3V (±150mV) or 2.5V
(±100mV) power supply for I/Os and control signals on
each port
Industrial temperature range (-40°C to +85°C) is
available at 166MHz and 133MHz
Available in a 256-pin Ball Grid Array (BGA), a 208-pin
Plastic Quad Flatpack (PQFP) and 208-pin fine pitch Ball
Grid Array (fpBGA)
Supports JTAG features compliant with IEEE 1149.1
Due to limited pin count JTAG is not supported on the 208-
pin PQFP package
Green parts available, see ordering information
HIGH-SPEED 2.5V
256/128/64K x 36
SYNCHRONOUS
DUAL-PORT STATIC RAM
WITH 3.3V OR 2.5V INTERFACE
IDT70T3519/99/89S
REPEATR
A0R
CNTENR
ADSR
Dout0-8_R
Dout9-17_R
I/O0R - I/O35R
Din_R
ADDR_R
OER
BE3R
BE2R
BE1R
BE0R
R/
WR
CE0R
CE1R
1
0
1/0
FT/PIPER
1a 0a
1b 0b
1c 0c
1d 0d
dc
b
a
CLKR
,
Counter/
Address
Reg.
dc b a
0/1
0d 1d
0c 1c
0b 1b
0a 1a
B
W
2
R
B
W
1
R
B
W
0
R
FT/PIPER
Counter/
Address
Reg.
CNTENL
ADSL
REPEATL
Dout0-8_L
Dout9-17_L
Dout18-26_L
Dout27-35_L
Dout18-26_R
Dout27-35_R
B
W
0
L
B
W
1
L
B
W
2
L
B
W
3
L
I/O0L -I/O35L
A17L(1)
A0L
Din_L
ADDR_L
OEL
5666 drw 01
BE3L
BE2L
BE1L
BE0L
R/
WL
CE0L
CE1L
256/128/64K x 36
MEMORY
ARRAY
CLKL
ab c d
FT/PIPEL
0/1
1d 0d
1c 0c 1b 0b 1a 0a
B
W
3
R
,
JTAG
TCK
TRST
TMS
TDO
TDI
1
0
1/0
0d 1d
0c 1c
0b 1b
0a 1a
ab
c
d
FT/PIPEL
1/0
1/0
INTERRUPT
COLLISION
DETECTION
LOGIC
R/
WL
CE 0 L
CE1L
R/
WR
CE0 R
CE1R
INTL
COL L
INTR
COLR
ZZ
CONTROL
LOGIC
ZZL
(2)
ZZR
(2)
A17R(1)
Features:
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed data access
– Commercial: 3.4 (200MHz)/3.6ns (166MHz)/
4.2ns (133MHz)(max.)
– Industrial: 3.6ns (166MHz)/4.2ns (133MHz) (max.)
Selectable Pipelined or Flow-Through output mode
Counter enable and repeat features
Dual chip enables allow for depth expansion without
additional logic
Full synchronous operation on both ports
– 5ns cycle time, 200MHz operation (14Gbps bandwidth)
– Fast 3.4ns clock to data out
– 1.5ns setup to clock and 0.5ns hold on all control, data, and
address inputs @ 200MHz
– Data input, address, byte enable and control registers
– Self-timedwriteallowsfastcycletime
1. Address A17 is a NC for the IDT70T3599. Also, Addresses A17 and A16 are NC's for the IDT70T3589.
2. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. All static inputs, i.e., PL/FTx and OPTx
and the sleep mode pins themselves (ZZx) are not affected during sleep mode.
NOTES:


Similar Part No. - 70T3589S166BFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3589S166BFGI IDT-70T3589S166BFGI Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3589S166BFGI8 IDT-70T3589S166BFGI8 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3589S166BFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
logo
Integrated Device Techn...
IDT70V3599 IDT-IDT70V3599 Datasheet
356Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com