Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70T3589S133BFG8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70T3589S133BFG8
Description  HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3589S133BFG8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70T3589S133BFG8 Datasheet HTML 6Page - Integrated Device Technology 70T3589S133BFG8 Datasheet HTML 7Page - Integrated Device Technology 70T3589S133BFG8 Datasheet HTML 8Page - Integrated Device Technology 70T3589S133BFG8 Datasheet HTML 9Page - Integrated Device Technology 70T3589S133BFG8 Datasheet HTML 10Page - Integrated Device Technology 70T3589S133BFG8 Datasheet HTML 11Page - Integrated Device Technology 70T3589S133BFG8 Datasheet HTML 12Page - Integrated Device Technology 70T3589S133BFG8 Datasheet HTML 13Page - Integrated Device Technology 70T3589S133BFG8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
6.42
IDT70T3519/99/89S
High-Speed 2.5V 256/128/64K x 36 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
10
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (3) (VDD = 2.5V ± 100mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS".
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 2.5V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 15mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VDDQ - 0.2V
CEX
> VDDQ - 0.2V means CE0X > VDDQ - 0.2V or CE1X - 0.2V
"X" represents "L" for left port or "R" for right port.
6. ISB1, ISB2 and ISB4 will all reach full standby levels (ISB3) on the appropriate port(s) if ZZL and/or ZZR = VIH.
7. 166MHz I-Temp is not available in the BF208 package.
8. 200Mhz is not available in the BF208 and DR208 packages.
70T3519/99/89
S200
Com'l Only(8)
70T3519/99/89
S166
Com'l
& Ind(7)
70T3519/99/89
S133
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled,
f = fMAX(1)
COM'L
S
375
525
320
450
260
370
mA
IND
S
___
___
320
510
260
450
ISB1(6)
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
205
270
175
230
140
190
mA
IND
S
___
___
175
275
140
235
ISB2(6)
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(1)
COM'L
S
300
375
250
325
200
250
mA
IND
S
___
___
250
365
200
310
ISB3
Full Standby Current
(Both Ports - CMOS
Level Inputs)
Both Ports CEL and
CER
> VDDQ - 0.2V, VIN > VDDQ - 0.2V
or VIN < 0.2V, f = 0(2)
COM'L
S
5
15
5
15
5
15
mA
IND
S
___
___
520520
ISB4(6)
Full Standby Current
(One Port - CMOS
Level Inputs)
CE"A"
< 0.2V and CE"B" > VDDQ - 0.2V(5)
VIN > VDDQ - 0.2V or VIN < 0.2V
Active Port, Outputs Disabled, f = fMAX(1)
COM'L
S
300
375
250
325
200
250
mA
IND
S
___
___
250
365
200
310
Izz
Sleep Mode Current
(Both Ports - TTL
Level Inputs)
ZZL = ZZR = VIH
f=fMAX(1)
COM'L
S
5
15
5
15
5
15
mA
IND
S
___
___
520520
5666 tbl 09


Similar Part No. - 70T3589S133BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3589S133BFG8 IDT-70T3589S133BFG8 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3589S133BFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
logo
Integrated Device Techn...
IDT70V3599 IDT-IDT70V3599 Datasheet
356Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com