Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1519CG-H09-B-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TDA1519CG-H09-B-T
Description  No switch-on/switch-off pops
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA1519CG-H09-B-T Datasheet(HTML) 4 Page - Unisonic Technologies

  TDA1519CG-H09-B-T Datasheet HTML 1Page - Unisonic Technologies TDA1519CG-H09-B-T Datasheet HTML 2Page - Unisonic Technologies TDA1519CG-H09-B-T Datasheet HTML 3Page - Unisonic Technologies TDA1519CG-H09-B-T Datasheet HTML 4Page - Unisonic Technologies TDA1519CG-H09-B-T Datasheet HTML 5Page - Unisonic Technologies TDA1519CG-H09-B-T Datasheet HTML 6Page - Unisonic Technologies TDA1519CG-H09-B-T Datasheet HTML 7Page - Unisonic Technologies TDA1519CG-H09-B-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TDA1519C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R107-031.B
ABSUTE MAXIMUM RATINGS (Ta=25 )
PARAMETER
SYMBOL
RATINGS
UNIT
Operating
17.5
Non-operating
30
Supply Voltage
Load dump protected (Note 2)
VP
45
V
AC and DC Short-Circuit Safe Voltage
Vsc
17.5
V
Reverse Polarity Voltage
Vrp
6
V
Non-repetitive Peak Output Current
IosM
6
A
Repetitive Peak Output Current
IoRM
4
A
Energy Handling Capability At Outputs (Vp=0V)
Eo
200
mJ
Power Dissipation
PD
25
W
Junction Temperature
TJ
0 ~ +125
Storage Temperature
TSTG
-65 ~ +125
Note: 1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
During 50ms, tr ≥2.5ms
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Ambient
θJA
210
/W
DC CHARACTERISTICS (VP=14.4V, Ta=25°C, measured from test circuit, fig 1.)
PARAMETER
SYMBOL
TECT CONDITONS
MIN
TYP
MAX
UNIT
SUPPLY
Supply Voltage
VP
(Note 1)
6.0
14.4
17.5
V
DC Output Voltage
VOUT
(Note 2)
6.95
V
DC Output Offset Voltage
│ΔVOO
250
mV
Total Quiescent Current
IQ(TOT)
40
80
mA
MUTE/STANDBY SWITCH
Switch-ON voltage Level
VSW(ON)
8.5
V
Mute Voltage Level
VMUTE
3.3
6.4
V
Standby Voltage Level
VSTB
0
2
V
MUTE/STANDBY CONDITION
Output Voltage
VOUT
Mute mode; VIN(MAX)=1V;
fi=20Hz ~ 15kHz
20
mV
DC Output Offset Voltage
ΔVOO
Mute mode
250
mV
Standby Current
ISTB
Standby mode
100
μA
Switch-ON Current
ISW(ON)
12
40
μA
Note: 1.
2.
The circuit is DC adjusted at VP=6~17.5V and AC operating at VP=8.5~17.5V.
At VP=17.5 ~ 30V, the DC output voltage is≦0.5Vp.


Similar Part No. - TDA1519CG-H09-B-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519C PHILIPS-TDA1519C Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
TDA1519C NXP-TDA1519C Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519CSP PHILIPS-TDA1519CSP Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
TDA1519CSP NXP-TDA1519CSP Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results

Similar Description - TDA1519CG-H09-B-T

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
   ON/OFF Switch
logo
TOKO, Inc
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com