Electronic Components Datasheet Search |
|
C346C225Z2U5HA7303 Datasheet(PDF) 8 Page - Kemet Corporation |
|
C346C225Z2U5HA7303 Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1051_GOLDMAX_Z5U • 11/11/2016 8 Radial Leaded Multilayer Ceramic Capacitors Goldmax, 300 Series, Conformally Coated, Z5U Dielectric, 25 – 250 VDC (Commercial Grade) Table 1B – C32X Style/Size, Capacitance Range Waterfall cont'd 1 Thicknessmaximum(T)=0.160"(4.07mm)forcapacitancevaluesgreaterthanorequalto4.7µF Table 1C – C32X Style/Size, Capacitance Range Waterfall 1 Thicknessmaximum(T)=0.160"(4.07mm)forcapacitancevaluesgreaterthanorequalto4.7µF C320, C322, C323, C326, C328 Style/Size (0.100" and 0.200" Lead Spacing) Rated Voltage (VDC) 25 50 100 200 250 Voltage Code 3 5 1 2 A Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 2.7µF M = ±20% Z = +80%/ -20% 275 275 3.3µF 335 335 3.9µF 395 395 4.7µF 475¹ 475¹ 5.6µF 6.8µF 10µF Rated Voltage (VDC) 25 50 100 200 250 Voltage Code 3 5 1 2 A C321, C324, C325, C327 Style/Size (0.100", 0.200" and 0.250" Lead Spacing) Rated Voltage (VDC) 25 50 100 200 250 Voltage Code 3 5 1 2 A Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 100pF M = ±20% Z = +80%/ -20% 101 101 101 101 101 120pF 121 121 121 121 121 150pF 151 151 151 151 151 180pF 181 181 181 181 181 220pF 221 221 221 221 221 270pF 271 271 271 271 271 330pF 331 331 331 331 331 390pF 391 391 391 391 391 470pF 471 471 471 471 471 560pF 561 561 561 561 561 680pF 681 681 681 681 681 820pF 821 821 821 821 821 1000pF 102 102 102 102 102 1200pF 122 122 122 122 122 1500pF 152 152 152 152 152 1800pF 182 182 182 182 182 2200pF 222 222 222 222 222 2700pF 272 272 272 272 272 3300pF 332 332 332 332 332 3900pF 392 392 392 392 392 4700pF 472 472 472 472 472 5600pF 562 562 562 562 562 6800pF 682 682 682 682 682 8200pF 822 822 822 822 822 0.01µF 103 103 103 103 103 0.012µF 123 123 123 123 123 0.015µF 153 153 153 153 153 0.018µF 183 183 183 183 183 Rated Voltage (VDC) 25 50 100 200 250 Voltage Code 3 5 1 2 A |
Similar Part No. - C346C225Z2U5HA7303 |
|
Similar Description - C346C225Z2U5HA7303 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |