Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709079S15PFG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 709079S15PFG8
Description  HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709079S15PFG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  709079S15PFG8 Datasheet HTML 1Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 2Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 3Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 4Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 5Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 6Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 7Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 8Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
6.42
IDT709089/79S/L
High-Speed 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. CE0 and OE = VIL; CE1 and R/W = VIH.
3. Outputs configured in Flow-Through Output mode; if outputs are in Pipelined mode the data out will be delayed by one cycle.
4. ADS is independent of all other signals including CE0 and CE1.
5. The address counter advances if CNTEN = VIL on the rising edge of CLK, regardless of all other signals including CE0 and CE1.
Truth Table II—Address Counter Control(1,2)
Truth Table I—
Read/Write and Enable Control(1,2,3)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. ADS, CNTEN, CNTRST = X.
3. OE is an asynchronous input signal.
OE
CLK
CE0
CE1
R/W
I/O0-7
Mode
X
H
X
X
High-Z
Deselected
X
X
L
X
High-Z
Deselected
X
LH
L
DIN
Write
L
LH
H
DOUT
Read
H
X
L
H
X
High-Z
Outputs Disabled
3242 tbl 02
External
Address
Previous
Internal
Address
Internal
Address
Used
CLK
ADS
CNTEN
CNTRST
I/O(3)
MODE
An
X
An
L(4)
XH
DI/O (n)
External Address Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counter Enabled—Internal Address generation
X
An + 1
An + 1
HH
H
DI/O(n+1)
External Address Blocked—Counter disabled (An + 1 reused)
XX
A0
XX
L(4)
DI/O(0)
Counter Reset to Address 0
5640 tbl 03
Pin Names
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enables
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A15L(1)
A0R - A15R(1)
Address
I/O0L - I/O7L
I/O0R - I/O7R
Data Input/Output
CLKL
CLKR
Clock
ADSL
ADSR
Address Strobe
CNTENL
CNTENR
Counter Enable
CNTRSTL
CNTRSTR
Counter Reset
FT/PIPEL
FT/PIPER
Flow-Through/Pipeline
VCC
Power
GND
Ground
3242 tbl 01
NOTE:
1. A15X is a NC for IDT709079.


Similar Part No. - 709079S15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709079S15PFG8 RENESAS-709079S15PFG8 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
More results

Similar Description - 709079S15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com