Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V3399S166PRFG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70V3399S166PRFG
Description  HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3399S166PRFG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70V3399S166PRFG Datasheet HTML 6Page - Integrated Device Technology 70V3399S166PRFG Datasheet HTML 7Page - Integrated Device Technology 70V3399S166PRFG Datasheet HTML 8Page - Integrated Device Technology 70V3399S166PRFG Datasheet HTML 9Page - Integrated Device Technology 70V3399S166PRFG Datasheet HTML 10Page - Integrated Device Technology 70V3399S166PRFG Datasheet HTML 11Page - Integrated Device Technology 70V3399S166PRFG Datasheet HTML 12Page - Integrated Device Technology 70V3399S166PRFG Datasheet HTML 13Page - Integrated Device Technology 70V3399S166PRFG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
6.42
IDT70V3319/99S
High-Speed 3.3V 256/128K x 18 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
10
AC Test Conditions (VDDQ - 3.3V/2.5V)
Figure 1. AC Output Test load.
Figure 2. Output Test Load
(For tCKLZ, tCKHZ, tOLZ, and tOHZ).
*Including scope and jig.
Figure 3. Typical Output Derating (Lumped Capacitive Load).
Input Pulse Levels (Address & Controls)
Input Pulse Levels (I/Os)
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V/GND to 2.4V
GND to 3.0V/GND to 2.4V
2ns
1.5V/1.25V
1.5V/1.25V
Figures 1 and 2
5623 tbl 10
1.5V/1.25
50
Ω
50
Ω
5623 drw 03
10pF
(Tester)
DATAOUT
,
5623 drw 04
590
Ω
5pF*
435
Ω
3.3V
DATAOUT
,
833
Ω
5pF*
770
Ω
2.5V
DATAOUT
,
-1
1
2
3
4
5
6
7
20.5
30
50
80
100
200
10.5pF is the I/O capacitance of this
device, and 10pF is the AC Test Load
Capacitance.
Capacitance (pF)
ΔtCD
(Typical, ns)
5623 drw 05
,


Similar Part No. - 70V3399S166PRFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3399S166PRFG IDT-70V3399S166PRFG Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70V3399S166PRFG8 IDT-70V3399S166PRFG8 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70V3399S166PRFGI IDT-70V3399S166PRFGI Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70V3399S166PRFGI8 IDT-70V3399S166PRFGI8 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70V3399S166PRFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3319 IDT-IDT70V3319 Datasheet
348Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com