Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V7519S200BFG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 70V7519S200BFG
Description  HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V7519S200BFG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 70V7519S200BFG Datasheet HTML 7Page - Integrated Device Technology 70V7519S200BFG Datasheet HTML 8Page - Integrated Device Technology 70V7519S200BFG Datasheet HTML 9Page - Integrated Device Technology 70V7519S200BFG Datasheet HTML 10Page - Integrated Device Technology 70V7519S200BFG Datasheet HTML 11Page - Integrated Device Technology 70V7519S200BFG Datasheet HTML 12Page - Integrated Device Technology 70V7519S200BFG Datasheet HTML 13Page - Integrated Device Technology 70V7519S200BFG Datasheet HTML 14Page - Integrated Device Technology 70V7519S200BFG Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
6.42
IDT70V7519S
High-Speed 256K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(2,3) (VDD = 3.3V ± 150mV, TA = 0°C to +70°C)
NOTES:
1. The Pipelined output parameters (tCYC2, tCD2) apply to either or both left and right ports when FT/PIPEX = VIH. Flow-through parameters (tCYC1, tCD1) apply when
FT
/PIPEX = VIL for that port.
2. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE) and FT/PIPE. FT/PIPE should be treated as a
DC signal, i.e. steady state during operation.
3. These values are valid for either level of VDDQ (3.3V/2.5V). See page 5 for details on selecting the desired operating voltage levels for each port.
70V7519S200(5)
Com'l Only
70V7519S166(3,4)
Com'l
& Ind
70V7519S133(3)
Com'l
& Ind
Symbol
Parameter
Min.Max.
Min.Max.Min.
Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)(1)
15
____
20
____
25
____
ns
tCYC2
Clock Cycle Time (Pipelined)(1)
5
____
6
____
7.5
____
ns
tCH1
Clock High Time (Flow-Through)(1)
5
____
6
____
7
____
ns
tCL1
Clock Low Time (Flow-Through)(1)
5
____
6
____
7
____
ns
tCH2
Clock High Time (Pipelined)(2)
2.0
____
2.1
____
2.6
____
ns
tCL2
Clock Low Time (Pipelined)(1)
2.0
____
2.1
____
2.6
____
ns
tR
Clock Rise Time
____
1.5
____
1.5
____
1.5
ns
tF
Clock Fall Time
____
1.5
____
1.5
____
1.5
ns
tSA
Address Setup Time
1.5
____
1.7
____
1.8
____
ns
tHA
Address Hold Time
0.5
____
0.5
____
0.5
____
ns
tSC
Chip Enable Setup Time
1.5
____
1.7
____
1.8
____
ns
tHC
Chip Enable Hold Time
0.5
____
0.5
____
0.5
____
ns
tSB
Byte Enable Setup Time
1.5
____
1.7
____
1.8
____
ns
tHB
Byte Enable Hold Time
0.5
____
0.5
____
0.5
____
ns
tSW
R/W Setup Time
1.5
____
1.7
____
1.8
____
ns
tHW
R/W Hold Time
0.5
____
0.5
____
0.5
____
ns
tSD
Input Data Setup Time
1.5
____
1.7
____
1.8
____
ns
tHD
Input Data Hold Time
0.5
____
0.5
____
0.5
____
ns
tSAD
ADS
Setup Time
1.5
____
1.7
____
1.8
____
ns
tHAD
ADS
Hold Time
0.5
____
0.5
____
0.5
____
ns
tSCN
CNTEN
Setup Time
1.5
____
1.7
____
1.8
____
ns
tHCN
CNTEN
Hold Time
0.5
____
0.5
____
0.5
____
ns
tSRPT
REPEAT
Setup Time
1.5
____
1.7
____
1.8
____
ns
tHRPT
REPEAT
Hold Time
0.5
____
0.5
____
0.5
____
ns
tOE
Output Enable to Data Valid
____
4.0
____
4.0
____
4.2
ns
tOLZ
Output Enable to Output Low-Z
0.5
____
0.5
____
0.5
____
ns
tOHZ
Output Enable to Output High-Z
1
3.4
1
3.6
1
4.2
ns
tCD1
Clock to Data Valid (Flow-Through)(1)
____
10
____
12
____
15
ns
tCD2
Clock to Data Valid (Pipelined)(1)
____
3.4
____
3.6
____
4.2
ns
tDC
Data Output Hold After Clock High
1
____
1
____
1
____
ns
tCKHZ
Clock High to Output High-Z
1
3.4
1
3.6
1
4.2
ns
tCKLZ
Clock High to Output Low-Z
0.5
____
0.5
____
0.5
____
ns
Port-to-Port Delay
tCO
Clock-to-Clock Offset
5.0
____
6.0
____
7.5
____
ns
5618 tbl 11
4. 166MHz Industrial Temperature not available in BF208 package.
5. This speed grade available when VDDQ = 3.3.V for a specific port (i.e., OPTx = VIH). This speed grade available in BC256 package only.


Similar Part No. - 70V7519S200BFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V7519S200BF IDT-70V7519S200BF Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
70V7519S200BFI IDT-70V7519S200BFI Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results

Similar Description - 70V7519S200BFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com