Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V9349L7BFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70V9349L7BFG
Description  HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9349L7BFG Datasheet(HTML) 2 Page - Integrated Device Technology

  70V9349L7BFG Datasheet HTML 1Page - Integrated Device Technology 70V9349L7BFG Datasheet HTML 2Page - Integrated Device Technology 70V9349L7BFG Datasheet HTML 3Page - Integrated Device Technology 70V9349L7BFG Datasheet HTML 4Page - Integrated Device Technology 70V9349L7BFG Datasheet HTML 5Page - Integrated Device Technology 70V9349L7BFG Datasheet HTML 6Page - Integrated Device Technology 70V9349L7BFG Datasheet HTML 7Page - Integrated Device Technology 70V9349L7BFG Datasheet HTML 8Page - Integrated Device Technology 70V9349L7BFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6.42
IDT70V9359/49L
High-Speed 3.3V 8/4K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
2
Description:
The IDT70V9359/49 is a high-speed 8/4K x 18 bit synchronous
Dual-Port RAM. The memory array utilizes Dual-Port memory cells
to allow simultaneous access of any address from both ports.
Registers on control, data, and address inputs provide minimal setup
and hold times. The timing latitude provided by this approach allows
systems to be designed with very short cycle times.
Withaninputdataregister,theIDT70V9359/49hasbeenoptimizedfor
applications having unidirectional or bidirectional data flow in bursts. An
automatic power down feature, controlled by
CE0and CE1, permits the
on-chip circuitry of each port to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 450mW of power.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
100-Pin TQFP
Top View(6)
A9L
A10L
A11L
A12L(1)
NC
NC
NC
LBL
UBL
CE0L
CE1L
CNTRSTL
R/
WL
OEL
VDD
FT/PIPEL
I/O16L
I/O17L
I/O15L
I/O14L
I/O13L
I/O12L
I/O11L
I/O10L
5638 drw 02
A8R
A9R
A10R
A11R
A12R(1)
NC
NC
NC
LBR
UBR
CE0R
CNTRSTR
R/
WR
VSS
OER
FT/PIPER
I/O14R
I/O13R
I/O12R
I/O11R
CE1R
I/O17R
VSS
I/O16R
I/O15R
.
70V9359/49PF
PN100-1(5)
VSS
07/03/02
NOTES:
1. A12 is a NC for IDT70V9349.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground supply.
4. Package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3,4)


Similar Part No. - 70V9349L7BFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9349L7BFG RENESAS-70V9349L7BFG Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
70V9349L7BFGI RENESAS-70V9349L7BFGI Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
More results

Similar Description - 70V9349L7BFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com