Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPW-15 Datasheet(PDF) 2 Page - TT Electronics.

Part # PPW-15
Description  resistance to or1 ohms to 5k ohms
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PPW-15 Datasheet(HTML) 2 Page - TT Electronics.

  PPW-15 Datasheet HTML 1Page - TT Electronics. PPW-15 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semi-Precision Power
Wirewound Resistors
PPW Series
05.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PPW5-15RFI (PPW5, 15 ohms ±1%, Pb-free)
P P W 5
-
1
5
R F
I
1
2
3
4
5
USA (IRC) Part Number: PPW515R0FLF (PPW5, 15 ohms ±1%, Pb-free)
P P W 5
1
5 R
0
F
L F
1
2
3
4
5
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PPW2 Omit for Standard R = ohms
K = kilohms
F = ±1%
I = Standard packing & Pb-free
PPW3
A = Alternate
G = ±2%
Bulk pack
PPW5
H = ±3%
PPW7
PPW10
PPW15
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PPW2 Omit for Standard 3 digits + multiplier
F = ±1%
Omit for SnPb
PPW3
A = Alternate
R = ohms for values
<100 ohms
G = ±2%
LF = Pb-free
PPW5
H = ±3%
Bulk pack
PPW7
PPW10
PPW15


Similar Part No. - PPW-15

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PPW-15 WELWYN-PPW-15 Datasheet
136Kb / 2P
   Semi-Precision Power Wirewound Resistors
More results

Similar Description - PPW-15

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SQM TTELEC-SQM Datasheet
419Kb / 3P
   resistance or1 to 200k
logo
Bourns Electronic Solut...
CAY16-393J4LF BOURNS-CAY16-393J4LF Datasheet
535Kb / 3P
   Resistance range: 10 ohms to 1 megohm
logo
TT Electronics.
RLR TTELEC-RLR Datasheet
254Kb / 3P
   4.3 ohms to 3.01M ohms
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
   Contact Resistance : 10m-OHMS
K200102 E-SWITCH-K200102 Datasheet
33Kb / 1P
   Contact Resistance : 10m-OHMS
K200137 E-SWITCH-K200137 Datasheet
66Kb / 1P
   Contact Resistance : 10m-OHMS
K200139 E-SWITCH-K200139 Datasheet
66Kb / 1P
   Contact Resistance : 10m-OHMS
K100208 E-SWITCH-K100208 Datasheet
56Kb / 1P
   Contact Resistance : 10m-OHMS
K100209 E-SWITCH-K100209 Datasheet
62Kb / 1P
   Contact Resistance : 10m-OHMS
K200106 E-SWITCH-K200106 Datasheet
32Kb / 1P
   Contact Resistance : 10m-OHMS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com