Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709169L9BF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 709169L9BF
Description  HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709169L9BF Datasheet(HTML) 2 Page - Integrated Device Technology

  709169L9BF Datasheet HTML 1Page - Integrated Device Technology 709169L9BF Datasheet HTML 2Page - Integrated Device Technology 709169L9BF Datasheet HTML 3Page - Integrated Device Technology 709169L9BF Datasheet HTML 4Page - Integrated Device Technology 709169L9BF Datasheet HTML 5Page - Integrated Device Technology 709169L9BF Datasheet HTML 6Page - Integrated Device Technology 709169L9BF Datasheet HTML 7Page - Integrated Device Technology 709169L9BF Datasheet HTML 8Page - Integrated Device Technology 709169L9BF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
6.42
IDT709169/59L
High-Speed 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 9796 9594 93 9291 9089 8887 8685 8483 82 81 80 7978 7776
100-Pin TQFP
Top View(6)
NC
NC
A7L
A8L
A9L
A10L
A11L
A12L
A13L(1)
NC
NC
NC
VCC
NC
NC
NC
CE0L
NC
CE1L
CNTRSTL
R/
WL
OEL
FT/PIPEL
NC
NC
5653 drw 02
NC
NC
A7R
A8R
A9R
A10R
A11R
A12R
A13R(1)
NC
NC
GND
NC
NC
NC
NC
OER
FT/PIPER
GND
NC
NC
CE0R
CE1R
CNTRSTR
R/
WR
.
709169/59PF
PN100-1(5)
06/28/02
Description
The IDT709169/59 is a high-speed 16/8K x 9 bit synchronous Dual-
Port RAM. The memory array utilizes Dual-Port memory cells to allow
simultaneous access of any address from both ports. Registers on
control, data, and address inputs provide minimal setup and hold
times. The timing latitude provided by this approach allows systems
to be designed with very short cycle times.
With an input data register, the IDT709169/59 has been optimized for
applications having unidirectional or bidirectional data flow in bursts.
An automatic power down feature, controlled by
CE0and CE1, permits
the on-chip circuitry of each port to enter a very low standby power
mode. Fabricated using IDT’s CMOS high-performance technology,
these devices typically operate on only 925mW of power.
NOTES:
1. A13 is a NC for IDT709159.
2. All VCC pins must be connected to power supply.
3. All GND pins must be connected to ground supply.
4. Package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3,4)


Similar Part No. - 709169L9BF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709169L9BF RENESAS-709169L9BF Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
709169L9BFI RENESAS-709169L9BFI Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
More results

Similar Description - 709169L9BF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709169 RENESAS-709169 Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com