Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709149S8PFG8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 709149S8PFG8
Description  HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709149S8PFG8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 709149S8PFG8 Datasheet HTML 2Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 3Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 4Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 5Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 6Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 7Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 8Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 9Page - Integrated Device Technology 709149S8PFG8 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
6.42
IDT709149S
High-Speed 36K (4K x 9-bit) Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
Truth Table II: Clock Enable Function Table(1)
Truth Table I: Read/Write Control(1)
Functional Description
The IDT709149 provides a true synchronous Dual-Port Static RAM
interface. Registered inputs provide very short set-up and hold times
on address, data, and all critical control inputs. All internal registers are
clocked on the rising edge of the clock signal. An asynchronous output
enable is provided to ease asynchronous bus interfacing.
The internal write pulse width is dependent only on the low to high
transitions of the clock signal to initiate a write allowing the shortest
possible realized cycle times. Clock enable inputs are provided to stall
the operation of the address and data input registers without introduc-
ing clock skew for very fast interleaved memory applications.
A HIGH on the CE input for one clock cycle will power down the
internal circuitry to reduce static power consumption.
When piplelined mode is enabled, two cycles are required with
CE
LOW to reactivate the outputs.
NOTES:
1. 'H' = HIGH voltage level steady state, 'h' = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition, 'L' = LOW voltage level steady state 'l' = LOW voltage
level one set-up time prior to the LOW-to-HIGH clock transition, 'X' = Don't care, 'NC' = No change
2. CLKEN = VIL must be clocked in during Power-Up.
3. Control signals are initialted and terminated on the rising edge of the CLK, depending on their input level. When R/W and CE are LOW, a write cycle is initiated on the LOW-
to-HIGH transition of the CLK. Termination of a write cycle is done on the next LOW-to-HIGH transistion of the CLK.
4. The register outputs are internal signals from the register inputs being clocked in or disabled by CLKEN.
Inputs
Outputs
Mode
Synchronous(3)
Asynchronous
CLK
CE
R/W
OE
I/O0-8
H
X
X
High-Z
Deselected—Power Down
LL
X
DATAIN
Selected and Write Enable
LH
L
DATAOUT
Read Selected and Data Output Enabled Read (1 Latency)
X
X
H
High-Z
Data I/O Disabled
3494 tbl 09
Inputs
Register Inputs
Register Outputs(4)
Operating Mode
CLK(3)
CLKEN(2)
ADDR
DATAIN
ADDR
DATAOUT
Load "1"
LH
H
H
H
Load "0"
LLLLL
Hold (do nothing)
HX
X
NC
NC
X
H
X
X
NC
NC
3494 tbl 10


Similar Part No. - 709149S8PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709149S8PFG8 RENESAS-709149S8PFG8 Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
More results

Similar Description - 709149S8PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914 IDT-IDT70914 Datasheet
109Kb / 11P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com