Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V9199L12PFGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 70V9199L12PFGI
Description  HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9199L12PFGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 70V9199L12PFGI Datasheet HTML 4Page - Integrated Device Technology 70V9199L12PFGI Datasheet HTML 5Page - Integrated Device Technology 70V9199L12PFGI Datasheet HTML 6Page - Integrated Device Technology 70V9199L12PFGI Datasheet HTML 7Page - Integrated Device Technology 70V9199L12PFGI Datasheet HTML 8Page - Integrated Device Technology 70V9199L12PFGI Datasheet HTML 9Page - Integrated Device Technology 70V9199L12PFGI Datasheet HTML 10Page - Integrated Device Technology 70V9199L12PFGI Datasheet HTML 11Page - Integrated Device Technology 70V9199L12PFGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6.42
IDT70V9199/099L
High-Speed 3.3V 128K x9/x8 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
8
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3) (VDD = 3.3V ± 0.3V)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed
by device
characterization, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) apply to either or both the Left and Right ports when
FT/PIPE = VIH. Flow-through parameters (tCYC1, tCD1) apply
when
FT/PIPE = VIL for that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (
OE), FT/PIPER, and FT/PIPEL.
70V9199/099L9
Com'l & Ind
70V9199/099L12
Com'l Only
Symbol
Parameter
Min.Max.Min.Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)
(2)
25
____
30
____
ns
tCYC2
Clock Cycle Time (Pipelined)
(2)
15
____
20
____
ns
tCH1
Clock High Time (Flow-Through)(2)
12
____
12
____
ns
tCL1
Clock Low Time (Flow-Through)
(2)
12
____
12
____
ns
tCH2
Clock High Time (Pipelined)
(2)
6
____
8
____
ns
tCL2
Clock Low Time (Pipelined)
(2)
6
____
8
____
ns
tR
Clock Rise Time
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3ns
tSA
Address Setup Time
4
____
4
____
ns
tHA
Address Hold Time
1
____
1
____
ns
tSC
Chip Enable Setup Time
4
____
4
____
ns
tHC
Chip Enable Hold Time
1
____
1
____
ns
tSW
R/W Setup Time
4
____
4
____
ns
tHW
R/W Hold Time
1
____
1
____
ns
tSD
Input Data Setup Time
4
____
4
____
ns
tHD
Input Data Hold Time
1
____
1
____
ns
tSAD
ADS Setup Time
4
____
4
____
ns
tHAD
ADS Hold Time
1
____
1
____
ns
tSCN
CNTEN Setup Time
4
____
4
____
ns
tHCN
CNTEN Hold Time
1
____
1
____
ns
tSRST
CNTRST Setup Time
4
____
4
____
ns
tHRST
CNTRST Hold Time
1
____
1
____
ns
tOE
Output Enable to Data Valid
____
9
____
12
ns
tOLZ
Output Enable to Output Low-Z
(1)
2
____
2
____
ns
tOHZ
Output Enable to Output High-Z(1)
17
17
ns
tCD1
Clock to Data Valid (Flow-Through)
(2)
____
20
____
25
ns
tCD2
Clock to Data Valid (Pipelined)
(2)
____
9
____
12
ns
tDC
Data Output Hold After Clock High
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z
(1)
29
29
ns
tCKLZ
Clock High to Output Low-Z
(1)
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock High to Read Data Delay
____
35
____
40
ns
tCCS
Clock-to-Clock Setup Time
____
15
____
15
ns
4859 tbl 11


Similar Part No. - 70V9199L12PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V9199L12PFGI IDT-70V9199L12PFGI Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V9199L12PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9199 IDT-IDT70V9199 Datasheet
300Kb / 17P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9199 RENESAS-70V9199 Datasheet
474Kb / 18P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L Datasheet
222Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com