Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE68100 Datasheet(PDF) 7 Page - NEC

Part # NE68100
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68100 Datasheet(HTML) 7 Page - NEC

Back Button NE68100 Datasheet HTML 3Page - NEC NE68100 Datasheet HTML 4Page - NEC NE68100 Datasheet HTML 5Page - NEC NE68100 Datasheet HTML 6Page - NEC NE68100 Datasheet HTML 7Page - NEC NE68100 Datasheet HTML 8Page - NEC NE68100 Datasheet HTML 9Page - NEC NE68100 Datasheet HTML 10Page - NEC NE68100 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 3 mA)
NE68119
50
0.995
-6.1
1.283
174.1
0.017
88.1
0.997
-1.1
0.02
18.8
100
0.992
-11.9
1.081
170.4
0.027
80.9
0.995
-4.5
0.06
16.0
200
0.981
-23.5
1.038
158.4
0.052
74.0
0.991
-9.3
0.11
13.0
300
0.967
-35.3
1.021
149.2
0.078
65.0
0.989
-14.3
0.15
11.2
400
0.950
-46.1
0.985
139.2
0.096
58.4
0.979
-18.2
0.20
10.1
500
0.929
-57.0
0.952
130.0
0.114
52.4
0.962
-22.5
0.23
9.2
600
0.915
-67.0
0.936
121.0
0.130
44.5
0.948
-26.4
0.30
8.6
700
0.892
-77.0
0.888
112.7
0.144
38.5
0.937
-30.1
0.33
7.9
800
0.874
-86.0
0.869
105.0
0.153
32.7
0.928
-33.9
0.36
7.5
900
0.853
-94.5
0.808
97.2
0.160
27.3
0.916
-37.1
0.42
7.0
1000
0.838
-102.9
0.784
90.6
0.165
21.8
0.908
-40.5
0.45
6.8
1500
0.770
-139.2
0.652
61.2
0.169
1.6
0.869
-54.5
0.66
5.9
2000
0.723
-170.6
0.564
39.0
0.146
-12.7
0.842
-66.5
0.95
5.9
3000
0.693
132.2
0.441
9.0
0.085
6.0
0.803
-91.2
1.98
1.5
50
0.937
-13.0
10.816
167.8
0.014
85.2
0.970
-5.3
0.08
28.9
100
0.904
-22.9
9.618
161.4
0.023
76.5
0.955
-12.0
0.10
26.2
200
0.839
-44.6
8.856
145.9
0.044
65.5
0.907
-21.5
0.16
23.0
300
0.771
-63.4
7.858
133.0
0.061
55.3
0.830
-29.5
0.25
21.1
400
0.699
-79.9
6.982
121.6
0.071
48.3
0.761
-35.9
0.32
19.9
500
0.642
-93.8
6.172
112.2
0.080
42.4
0.699
-39.7
0.41
18.9
600
0.598
-106.0
5.458
104.1
0.086
38.7
0.651
-43.3
0.48
18.0
700
0.564
-116.4
4.898
97.3
0.089
36.7
0.613
-46.0
0.55
17.4
800
0.534
-125.9
4.429
91.1
0.093
34.0
0.587
-48.2
0.62
16.8
900
0.511
-134.1
4.032
85.5
0.095
33.3
0.565
-50.1
0.69
16.3
1000
0.494
-141.6
3.696
80.6
0.099
32.1
0.549
-52.3
0.74
15.7
1500
0.438
-172.6
2.618
59.5
0.113
29.1
0.508
-59.9
0.99
13.6
2000
0.409
162.4
2.042
41.8
0.130
28.7
0.485
-67.6
1.15
9.6
3000
0.410
117.0
1.474
11.1
0.187
24.2
0.448
-85.5
1.16
6.5
50
0.979
-8.4
4.317
172.8
0.016
87.7
0.990
-1.3
0.04
24.3
100
0.965
-15.9
3.510
166.3
0.026
77.4
0.986
-7.5
0.10
21.3
200
0.944
-30.0
3.384
155.6
0.049
71.9
0.971
-13.0
0.09
18.4
300
0.915
-44.6
3.234
145.3
0.069
60.3
0.949
-19.4
0.15
16.7
400
0.877
-57.8
3.069
134.8
0.090
54.9
0.918
-24.6
0.17
15.3
500
0.836
-70.1
2.855
125.6
0.104
45.7
0.883
-29.1
0.25
14.4
600
0.802
-81.8
2.671
116.9
0.115
40.8
0.850
-33.4
0.28
13.7
700
0.770
-92.3
2.502
109.0
0.122
34.6
0.822
-37.2
0.33
13.1
800
0.741
-102.0
2.341
102.0
0.127
29.9
0.798
-40.6
0.38
12.7
900
0.714
-110.7
2.195
95.1
0.133
25.9
0.778
-43.4
0.43
12.2
1000
0.694
-118.7
2.041
89.4
0.135
21.6
0.762
-46.4
0.48
11.8
1500
0.616
-153.7
1.547
63.8
0.132
9.1
0.706
-58.1
0.75
10.7
2000
0.572
177.3
1.255
43.4
0.124
6.7
0.672
-68.2
1.07
8.4
3000
0.555
125.5
0.940
10.4
0.132
20.2
0.627
-89.7
1.41
4.7
VCE = 2.5 V, IC = 0.3 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 2.5 V, IC = 1.0 mA
VCE = 2.5 V, IC = 3 mA
NE681 SERIES
See note on next page.
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
5 GHz
S11
0.05 GHz
S22
5 GHz
S22
0.05 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
10
8
6
4
0.5
0.3
0.2
S12
0.5 GHz
S21
5 GHz
S21
S21
0.5 GHz
S12
5 GHz


Similar Part No. - NE68100

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE68100 CEL-NE68100 Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68100

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com