Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V7339S166BFG8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70V7339S166BFG8
Description  HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V7339S166BFG8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70V7339S166BFG8 Datasheet HTML 2Page - Integrated Device Technology 70V7339S166BFG8 Datasheet HTML 3Page - Integrated Device Technology 70V7339S166BFG8 Datasheet HTML 4Page - Integrated Device Technology 70V7339S166BFG8 Datasheet HTML 5Page - Integrated Device Technology 70V7339S166BFG8 Datasheet HTML 6Page - Integrated Device Technology 70V7339S166BFG8 Datasheet HTML 7Page - Integrated Device Technology 70V7339S166BFG8 Datasheet HTML 8Page - Integrated Device Technology 70V7339S166BFG8 Datasheet HTML 9Page - Integrated Device Technology 70V7339S166BFG8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6.42
6
IDT70V7339S
High-Speed 512K x 18 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
RecommendedOperating
Temperature and Supply Voltage(1)
Recommended DC Operating
Conditions with VDDQ at 2.5V
Absolute Maximum Ratings(1)
NOTES:
1. UndershootofVIL>-1.5Vforpulsewidthlessthan10nsisallowed.
2. VTERMmustnotexceedVDDQ+100mV.
3. Toselectoperationat2.5VlevelsontheI/Osandcontrolsofagivenport,theOPTpinfor
thatportmustbesettoVIL(0V),andVDDQXforthatportmustbesuppliedasindicatedabove.
NOTES:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperationofthe
deviceattheseoranyotherconditionsabovethoseindicatedintheoperationalsectionsof
thisspecificationisnotimplied.Exposuretoabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.
2. VTERMmustnotexceedVDD+150mVformorethan25%ofthecycletimeor4nsmaximum,
andislimitedto<20mAfortheperiodofVTERM >VDD+150mV.
NOTE:
1. ThisistheparameterTA.Thisisthe"instanton"casetemperature.
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
3.3V
+ 150mV
Industrial
-40OC to +85OC0V
3.3V
+ 150mV
5628 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.15
3.3
3.45
V
VDDQ
I/O Supply Voltage(3)
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address & Control Inputs)
1.7
____
VDDQ + 100mV(2)
V
VIH
Input High Voltage - I/O(3)
1.7
____
VDDQ + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
5628 tbl 05a
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect to
GND
-0.5 to +4.6
V
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-65 to +150
o
C
IOUT
DC Output Current
50
mA
5628 tbl 06
Recommended DC Operating
Conditions with VDDQ at 3.3V
NOTES:
1. UndershootofVIL>-1.5Vforpulsewidthlessthan10nsisallowed.
2. VTERMmustnotexceedVDDQ+150mV.
3. Toselectoperationat3.3VlevelsontheI/Osandcontrolsofagivenport,theOPTpinfor
thatportmustbesettoVIH(3.3V),andVDDQXforthatportmustbesuppliedasindicatedabove.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.15
3.3
3.45
V
VDDQ
I/O Supply Voltage(3)
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address & Control Inputs)(3)
2.0
____
VDDQ + 150mV(2)
V
VIH
Input High Voltage - I/O(3)
2.0
____
VDDQ + 150mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
5628 tbl 05b


Similar Part No. - 70V7339S166BFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7339S166BFG8 RENESAS-70V7339S166BFG8 Datasheet
540Kb / 23P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results

Similar Description - 70V7339S166BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7339 RENESAS-70V7339 Datasheet
540Kb / 23P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7399S IDT-IDT70V7399S Datasheet
488Kb / 22P
   HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com