Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V3569S6BCGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 70V3569S6BCGI8
Description  HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3569S6BCGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 70V3569S6BCGI8 Datasheet HTML 7Page - Integrated Device Technology 70V3569S6BCGI8 Datasheet HTML 8Page - Integrated Device Technology 70V3569S6BCGI8 Datasheet HTML 9Page - Integrated Device Technology 70V3569S6BCGI8 Datasheet HTML 10Page - Integrated Device Technology 70V3569S6BCGI8 Datasheet HTML 11Page - Integrated Device Technology 70V3569S6BCGI8 Datasheet HTML 12Page - Integrated Device Technology 70V3569S6BCGI8 Datasheet HTML 13Page - Integrated Device Technology 70V3569S6BCGI8 Datasheet HTML 14Page - Integrated Device Technology 70V3569S6BCGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
6.42
IDT70V3569S
High-Speed 16K x 36 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
11
tSC
tHC
CE0(B1)
ADDRESS(B1)
A0
A1
A2
A3
A4
A5
tSA
tHA
CLK
4831 drw 07
Q0
Q1
Q3
DATAOUT(B1)
tCH2
tCL2
tCYC2
ADDRESS(B2)
A0
A1
A2
A3
A4
A5
tSA
tHA
CE0(B2)
DATAOUT(B2)
Q2
Q4
tCD2
tCD2
tCKHZ
tCD2
tCKLZ
tDC
tCKHZ
tCD2
tCKLZ
tSC
tHC
tCKHZ
tCKLZ
tCD2
A6
A6
tDC
tSC
tHC
tSC
tHC
An
An + 1
An + 2
An + 3
tCYC2
tCH2
tCL2
R/W
ADDRESS
CE0
CLK
CE1
BE(0-3)
(3)
DATAOUT
OE
tCD2
tCKLZ
Qn
Qn + 1
Qn + 2
tOHZ
tOLZ
tOE
4831 drw 06
(1)
(1)
tSC
tHC
tSB
tHB
tSW
tHW
tSA
tHA
tDC
tSC
tHC
tSB
tHB
(4)
(1 Latency)
(5)
(5)
Timing Waveform of a Multi-Device Pipelined Read(1,2)
Timing Waveform of Read Cycle for Pipelined Operation(2)
NOTES:
1. OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge.
2. ADS = VIL, CNTEN and CNTRST = VIH.
3. The output is disabled (High-Impedance state) by CE0 = VIH, CE1 = VIL, BEn = VIH following the next rising edge of the clock. Refer to
Truth Table 1.
4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers
are for reference use only.
5. If BEn was HIGH, then the appropriate Byte of DATAOUT for Qn + 2 would be disabled (High-Impedance state).
NOTES:
1. B1 Represents Device #1; B2 Represents Device #2. Each Device consists of one IDT70V3569 for this waveform,
and are setup for depth expansion in this example. ADDRESS(B1) = ADDRESS(B2) in this situation.
2. BEn, OE, and ADS = VIL; CE1(B1), CE1(B2), R/W, CNTEN, and CNTRST = VIH.


Similar Part No. - 70V3569S6BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3569S6BCGI8 IDT-70V3569S6BCGI8 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3569S6BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com