Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V3389S4BFG8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70V3389S4BFG8
Description  HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3389S4BFG8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70V3389S4BFG8 Datasheet HTML 2Page - Integrated Device Technology 70V3389S4BFG8 Datasheet HTML 3Page - Integrated Device Technology 70V3389S4BFG8 Datasheet HTML 4Page - Integrated Device Technology 70V3389S4BFG8 Datasheet HTML 5Page - Integrated Device Technology 70V3389S4BFG8 Datasheet HTML 6Page - Integrated Device Technology 70V3389S4BFG8 Datasheet HTML 7Page - Integrated Device Technology 70V3389S4BFG8 Datasheet HTML 8Page - Integrated Device Technology 70V3389S4BFG8 Datasheet HTML 9Page - Integrated Device Technology 70V3389S4BFG8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6.42
IDT70V3389S
High-Speed 64K x 18 3.3V Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
6
RecommendedOperating
Temperature and Supply Voltage(1)
Absolute Maximum Ratings(1)
Truth Table II—Address Counter Control(1,2)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. Read and write operations are controlled by the appropriate setting of R/W, CE0, CE1, BEn and OE.
3. Outputs are in Pipelined mode: the data out will be delayed by one cycle.
4. ADS and CNTRST are independent of all other memory control signals including CE0, CE1 and BEn
5. The address counter advances if CNTEN = VIL on the rising edge of CLK, regardless of all other memory control signals including CE0, CE1, BEn.
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VDD + 150mV for more than 25% of the cycle time or
4ns maximum, and is limited to < 20mA for the period of VTERM > VDD + 150mV.
NOTES:
1. Industrial temperature: for specific speeds, packages and powers contact your
sales office.
Address
Previous
Address
Addr
Used
CLK
ADS
CNTEN
CNTRST
I/O(3)
MODE
XX
0
XX
L(4)
DI/O(0)
Counter Reset to Address 0
An
X
An
L(4)
XH
DI/O (n)
External Address Used
An
Ap
Ap
HH
H
DI/O(p)
External Address Blocked—Counter disabled (Ap reused)
XAp
Ap + 1
H
L(5)
HDI/O(p+1) Counter Enabled—Internal Address generation
4832 tbl 03
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
3.3V
+ 150mV
Industrial
-40OC to +85OC0V
3.3V
+ 150mV
4832 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.15
3.3
3.45
V
VDDQ
I/O Supply Voltage(3)
2.375
2.5
2.625
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage(3)
(Address & Control Inputs)
1.7
____
VDDQ + 125mV(2)
V
VIH
Input High Voltage - I/O(3)
1.7
____
VDDQ + 125mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
4832 tb l 05a
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect to
GND
-0.5 to +4.6
V
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-65 to +150
o
C
IOUT
DC Output Current
50
mA
4832 tbl 06
Recommended DC Operating
Conditions with VDDQ at 2.5V
NOTES:
1. VIL > -1.5V for pulse width less than 10 ns.
2. VTERM must not exceed VDDQ + 125mV.
3. To select operation at 2.5V levels on the I/Os and controls of a given port, the
OPT pin for that port must be set to VIL (0V), and VDDQX for that port must be
supplied as indicated above.
Recommended DC Operating
Conditions with VDDQ at 3.3V
NOTES:
1. VIL > -1.5V for pulse width less than 10 ns.
2. VTERM must not exceed VDDQ + 150mV.
3. To select operation at 3.3V levels on the I/Os and controls of a given port, the
OPT pin for that port must be set to VIH (3.3V), and VDDQX for that port must be
supplied as indicated above.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.15
3.3
3.45
V
VDDQ
I/O Supply Voltage(3)
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address & Control Inputs)(3)
2.0
____
VDDQ + 150mV(2)
V
VIH
Input High Voltage - I/O(3)
2.0
____
VDDQ + 150mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
4832 tbl 05b


Similar Part No. - 70V3389S4BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3389S4BFG8 IDT-70V3389S4BFG8 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3389S4BFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
70V3389 RENESAS-70V3389 Datasheet
466Kb / 18P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JULY 2019
logo
Integrated Device Techn...
IDT70V3389S IDT-IDT70V3389S Datasheet
176Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com