Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V3569S5BCGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 70V3569S5BCGI8
Description  HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3569S5BCGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 70V3569S5BCGI8 Datasheet HTML 4Page - Integrated Device Technology 70V3569S5BCGI8 Datasheet HTML 5Page - Integrated Device Technology 70V3569S5BCGI8 Datasheet HTML 6Page - Integrated Device Technology 70V3569S5BCGI8 Datasheet HTML 7Page - Integrated Device Technology 70V3569S5BCGI8 Datasheet HTML 8Page - Integrated Device Technology 70V3569S5BCGI8 Datasheet HTML 9Page - Integrated Device Technology 70V3569S5BCGI8 Datasheet HTML 10Page - Integrated Device Technology 70V3569S5BCGI8 Datasheet HTML 11Page - Integrated Device Technology 70V3569S5BCGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6.42
IDT70V3569S
High-Speed 16K x 36 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
8
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(3) (VDD = 3.3V ± 150mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input
levels of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 120mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VDDQ - 0.2V
CEX
> VDDQ - 0.2V means CE0X > VDDQ - 0.2V or CE1X - 0.2V
"X" represents "L" for left port or "R" for right port.
70V3569S4
Com'l Only
70V3569S5
Com'l
& Ind
70V3569S6
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled,
f = fMAX(1)
COM'L
S
375
460
285
360
245
310
mA
IND
S
____
____
285
415
245
360
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
145
190
105
145
95
125
mA
IND
S
____
____
105
175
95
150
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(1)
COM'L
S
265
325
190
260
175
225
mA
IND
S
____
____
190
300
175
260
ISB3
Full Standby Current
(Both Ports - CMOS
Level Inputs)
Both Ports CEL and
CER
> VDDQ - 0.2V,
VIN > VDDQ - 0.2V or VIN < 0.2V,
f = 0(2)
COM'L
S
615
6
15
615
mA
IND
S
____
____
630630
ISB4
Full Standby Current
(One Port - CMOS
Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VDDQ - 0.2V(5)
VIN > VDDQ - 0.2V or VIN < 0.2V,
Active Port, Outputs Disabled,
f = fMAX(1)
COM'L
S
265
325
180
260
170
225
mA
IND
S
____
____
180
300
170
260
4831 tbl 09


Similar Part No. - 70V3569S5BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3569S5BCGI8 IDT-70V3569S5BCGI8 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3569S5BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com