Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70T3799MS133BBGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70T3799MS133BBGI
Description  HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3799MS133BBGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70T3799MS133BBGI Datasheet HTML 2Page - Integrated Device Technology 70T3799MS133BBGI Datasheet HTML 3Page - Integrated Device Technology 70T3799MS133BBGI Datasheet HTML 4Page - Integrated Device Technology 70T3799MS133BBGI Datasheet HTML 5Page - Integrated Device Technology 70T3799MS133BBGI Datasheet HTML 6Page - Integrated Device Technology 70T3799MS133BBGI Datasheet HTML 7Page - Integrated Device Technology 70T3799MS133BBGI Datasheet HTML 8Page - Integrated Device Technology 70T3799MS133BBGI Datasheet HTML 9Page - Integrated Device Technology 70T3799MS133BBGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.42
IDT70T3719/99M
High-Speed 2.5V 256/128K x 72 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
6
RecommendedOperating
Temperature and Supply Voltage (1)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
2.5V
+ 100mV
Industrial
-40OC to +85OC0V
2.5V
+ 100mV
5687 tbl 05
Recommended DC Operating
Conditions with VDDQ at 3.3V
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tCYC/2, or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
3. To select operation at 3.3V levels on the I/Os and controls of a given port, the OPT pin
for that port must be set to VDD (2.5V), and VDDQX for that port must be supplied as indicated
above.
Recommended DC Operating
Conditions with VDDQ at 2.5V
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
3. To select operation at 2.5V levels on the I/Os and controls of a given port, the OPT
pin for that port must be set to Vss(0V), and VDDQX for that port must be supplied as indicated
above.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Volltage
(Address, Control &
Data I/O Inputs)(3)
1.7
____
VDDQ + 100mV(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, PIPE/FT
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
VIL
Input Low Voltage -
ZZ, OPT, PIPE/FT
-0.3(1)
____
0.2
V
5687 tbl 06a
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address, Control
&Data I/O Inputs)(3)
2.0
____
VDDQ + 150mV(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, PIPE/FT
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
VIL
Input Low Voltage -
ZZ, OPT, PIPE/FT
-0.3(1)
____
0.2
V
5687 tbl 06b


Similar Part No. - 70T3799MS133BBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3799MS133BBGI IDT-70T3799MS133BBGI Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
70T3799MS133BBGI IDT-70T3799MS133BBGI Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3799MS133BBGI RENESAS-70T3799MS133BBGI Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
70T3799MS133BBGI8 IDT-70T3799MS133BBGI8 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
70T3799MS133BBGI8 IDT-70T3799MS133BBGI8 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3799MS133BBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_14 Datasheet
236Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3319 IDT-IDT70V3319 Datasheet
348Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com