Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V3569S5DRGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70V3569S5DRGI8
Description  HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3569S5DRGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70V3569S5DRGI8 Datasheet HTML 3Page - Integrated Device Technology 70V3569S5DRGI8 Datasheet HTML 4Page - Integrated Device Technology 70V3569S5DRGI8 Datasheet HTML 5Page - Integrated Device Technology 70V3569S5DRGI8 Datasheet HTML 6Page - Integrated Device Technology 70V3569S5DRGI8 Datasheet HTML 7Page - Integrated Device Technology 70V3569S5DRGI8 Datasheet HTML 8Page - Integrated Device Technology 70V3569S5DRGI8 Datasheet HTML 9Page - Integrated Device Technology 70V3569S5DRGI8 Datasheet HTML 10Page - Integrated Device Technology 70V3569S5DRGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
6.42
IDT70V3569S
High-Speed 16K x 36 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
7
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 150mV)
NOTE:
1. At VDD < - 2.0V input leakages are undefined.
2. VDDQ is selectable (3.3V/2.5V) via OPT pins. Refer to p.4 for details.
Symbol
Parameter
Test Conditions
70V3569S
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDDQ = Max., VIN = 0V to VDDQ
___
10
µA
|ILO|
Output Leakage Current
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDDQ
___
10
µA
VOL (3.3V)
Output Low Voltage(2)
IOL = +4mA, VDDQ = Min.
___
0.4
V
VOH (3.3V)
Output High Voltage(2)
IOH = -4mA, VDDQ = Min.
2.4
___
V
VOL (2.5V)
Output Low Voltage(2)
IOL = +2mA, VDDQ = Min.
___
0.4
V
VOH (2.5V)
Output High Voltage(2)
IOH = -2mA, VDDQ = Min.
2.0
___
V
4831 tbl 08
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance(1)
(TA = +25°C, F = 1.0MHZ) PQFP ONLY
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
8
pF
COUT(3)
Output Capacitance
VOUT = 3dV
10.5
pF
4831 tbl 07


Similar Part No. - 70V3569S5DRGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3569S5DRGI8 IDT-70V3569S5DRGI8 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3569S5DRGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com