Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70T3339S200BFG8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70T3339S200BFG8
Description  HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3339S200BFG8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70T3339S200BFG8 Datasheet HTML 6Page - Integrated Device Technology 70T3339S200BFG8 Datasheet HTML 7Page - Integrated Device Technology 70T3339S200BFG8 Datasheet HTML 8Page - Integrated Device Technology 70T3339S200BFG8 Datasheet HTML 9Page - Integrated Device Technology 70T3339S200BFG8 Datasheet HTML 10Page - Integrated Device Technology 70T3339S200BFG8 Datasheet HTML 11Page - Integrated Device Technology 70T3339S200BFG8 Datasheet HTML 12Page - Integrated Device Technology 70T3339S200BFG8 Datasheet HTML 13Page - Integrated Device Technology 70T3339S200BFG8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
6.42
IDT70T3339/19/99S
High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
Input Pulse Levels (Address & Controls)
Input Pulse Levels (I/Os)
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V/GND to 2.4V
GND to 3.0V/GND to 2.4V
2ns
1.5V/1.25V
1.5V/1.25V
Figures 1 and 2
5652 tbl 10
AC Test Conditions (VDDQ - 3.3V/2.5V)
Figure 1. AC Output Test load.
1.5V/1.25
50
50
5652 drw 03
10pF
(Tester)
DATAOUT
,
Capacitance (pF) from AC Test Load
5652 drw 04
tCD
(Typical, ns)


Similar Part No. - 70T3339S200BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3339S200BFG8 IDT-70T3339S200BFG8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3339S200BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M_14 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_18 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com