Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V3569S5BFGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70V3569S5BFGI8
Description  HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3569S5BFGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  70V3569S5BFGI8 Datasheet HTML 1Page - Integrated Device Technology 70V3569S5BFGI8 Datasheet HTML 2Page - Integrated Device Technology 70V3569S5BFGI8 Datasheet HTML 3Page - Integrated Device Technology 70V3569S5BFGI8 Datasheet HTML 4Page - Integrated Device Technology 70V3569S5BFGI8 Datasheet HTML 5Page - Integrated Device Technology 70V3569S5BFGI8 Datasheet HTML 6Page - Integrated Device Technology 70V3569S5BFGI8 Datasheet HTML 7Page - Integrated Device Technology 70V3569S5BFGI8 Datasheet HTML 8Page - Integrated Device Technology 70V3569S5BFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6.42
IDT70V3569S
High-Speed 16K x 36 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
2
Description:
TheIDT70V3569isahigh-speed16Kx36bitsynchronousDual-Port
RAM. The memory array utilizes Dual-Port memory cells to allow
simultaneousaccessofanyaddressfrombothports.Registersoncontrol,
data,andaddressinputsprovideminimalsetupandholdtimes.Thetiming
latitudeprovidedbythisapproachallowssystemstobedesignedwithvery
shortcycletimes.Withaninputdataregister,theIDT70V3569hasbeen
optimizedforapplicationshavingunidirectionalorbidirectionaldataflow
inbursts.Anautomaticpowerdownfeature,controlledbyCE0andCE1,
permitstheon-chipcircuitryofeachporttoenteraverylowstandbypower
mode.
The 70V3569 can support an operating voltage of either 3.3V or
2.5V on one or both ports, controllable by the OPT pins. The power
supply for the core of the device (VDD) remains at 3.3V.
Pin Configuration(1,2,3,4)
NOTES:
1. All VDD pins must be connected to 3.3V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is
set to VIL (0V).
3. All VSS pins must be connected to ground supply.
4. Package body is approximately 15mm x 15mm x 1.4mm, with 0.8mm ball pitch.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
A17
VSS
B17
I/O15R
C17
VSS
D17
I/O14R
E16
VSS
E17
I/O13L
D16
I/O14L
C16
I/O15L
B16
I/O16L
A16
I/O17L
A15
OPTL
B15
VDDQR
C15
I/O16R
D15
VDDQL
E15
I/O13R
E14
I/O12L
D14
I/O17R
D13
VDD
C12
A6L
C14
VDD
B14
VSS
A14
A0L
A12
CNTENL
B12
A5L
C11
R/
WL
D12
A3L
D11
CNTRSTL
C10
VSS
B11
ADSL
A11
CLKL
D8
BE0L
C8
BE3L
A9
BE1L
D9
VDD
C9
CE1L
B9
CE0L
D10
OEL
C7
A10L
B8
BE2L
A8
A8L
B13
A1L
A13
A4L
A10
VDD
D7
A7L
B7
A9L
B6
A13L
C6
NC
D6
A11L
B5
NC
C5
NC
D5
NC
B4
VSS
C4
VDD
D4
I/O20L
B3
I/O18R
C3
VDDQR
D3
I/O21L
D2
VSS
C2
I/O19R
B2
VSS
B1
I/O20R
C1
VDDQL
D1
I/O22L
E1
I/O23L
E2
I/O22R
E3
VDDQR
E4
I/O21R
F1
VDDQL
F2
I/O23R
F3
I/O24L
F4
VSS
G1
I/O26L
G2
VSS
G3
I/O25L
G4
I/O24R
H1
VDD
H2
I/O26R
H3
VDDQR
H4
I/O25R
J1
VDDQL
J2
VDD
J3
VSS
J4
VSS
K1
I/O28R
K2
VSS
K3
I/O27R
K4
VSS
L1
I/O29R
L2
I/O28L
L3
VDDQR
L4
I/O27L
M1
VDDQL
M2
I/O29L
M3
I/O30R
M4
VSS
N1
I/O31L
N2
VSS
N3
I/O31R
N4
I/O30L
P1
I/O32R
P2
I/O32L
P3
VDDQR
P4
I/O35R
R1
VSS
R2
I/O33L
R3
I/O34R
R4
NC
T1
I/O33R
T2
I/O34L
T3
VDDQL
T4
VSS
U1
VSS
U2
I/O35L
U3
VDD
U4
NC
P5
NC
R5
NC
U6
A11R
P12
CNTENR
P8
A8R
U10
OER
P9
BE1R
R8
BE2R
T8
BE3R
U9
VDD
P10
VDD
T11
R/
WR
U8
BE0R
P11
CLKR
R12
A5R
T12
A6R
U12
A3R
P13
A4R
P7
A12R
R13
A1R
T13
A2R
U13
A0R
R6
A13R
T5
NC
U7
A7R
U14
VDD
T14
VSS
R14
VSS
P14
I/O2L
P15
I/O3L
R15
VDDQL
T15
I/O0R
U15
OPTR
U16
I/O0L
U17
I/O1L
T16
VSS
T17
I/O2R
R17
VDDQR
R16
I/O1R
P17
I/O4L
P16
VSS
N17
I/O5L
N16
I/O4R
N15
VDDQL
N14
I/O3R
M17
VDDQR
M16
I/O5R
M15
I/O6L
M14
VSS
L17
I/O8L
L16
VSS
L15
I/O7L
L14
I/O6R
K17
VSS
K16
I/O8R
K15
VDDQL
K14
I/O7R
J17
VDDQR
J16
VSS
J15
VDD
J14
VSS
H17
I/O10R
H16
VSS
H15
IO9R
H14
VDD
G17
I/O11R
G16
I/O10L
G15
VDDQL
G14
I/O9L
F17
VDDQR
F16
I/O11L
F14
VSS
70V3569BF
BF-208(5)
208-Pin fpBGA
Top View(6)
F15
I/O12R
R9
CE0R
R11
ADSR
T6
NC
T9
CE1R
B10
VSS
C13
A2L
P6
NC
R10
VSS
R7
A9R
T10
VSS
T7
A10R
U5
NC
4831 drw 02c
,
A7
A12L
A5
NC
A4
NC
A3
VSS
A2
IO18L
A1
IO19L
A6
NC
12/12/01


Similar Part No. - 70V3569S5BFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3569S5BFGI8 IDT-70V3569S5BFGI8 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3569S5BFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com