Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W0805HT Datasheet(PDF) 2 Page - TT Electronics.

Part # W0805HT
Description  Available in industry standard 0603
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

W0805HT Datasheet(HTML) 2 Page - TT Electronics.

  W0805HT Datasheet HTML 1Page - TT Electronics. W0805HT Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Temperature
TaNFilm® Chip Resistors
PFC HT Series
PFC Hi Temp Series Issue May 2005
IRC Advanced Film Division
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
High Temperature
TaNFilm® Chip Resistors
®
®
Rated Power vs Temperature Data
100
50
50
100
150
200
Temperature in °C
Performance Data
Environmental Test
MIL-PRF-55342
Performance
Typical
Maximum
Thermal Shock
±0.02%
±0.10%
Short Time Overload
±0.02%
±0.05%
High Temperature Exposure
±0.03%
±0.10%
Effects of Solder
±0.01%
±0.10%
Moisture Resistance
±0.03%
±0.10%
Life
(1000 hours, 200°C, no load )
±0.8%
±1.0%
Life
(1000 hours, 150°C, rated power )
±0.2%
±0.5%
Prefix
PFC - W1206 HT - 01 - 1001 - F
Chip Size
W1206; W0805; W0603
Termination
HT = High temperature chip resistor with gold plated terminations
HTLF = High temperature chip resistor with 100% tin (Pb-free) terminations
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
Resistance Code
4-Digit resistance code. Ex: 1002 = 10KΩ; 50R0 = 50Ω
Tolerance Code
J = ±5%; G = ±2%; F = ±1%
Physical Data
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: W1206HT-01-1K0F (1206, 100ppm/°C, 1 kilohm ±1%, Au terminations)
W 1
2
0
6 H T
-
0
1
-
1
K 0
F
1
2
3
4
5
6
USA (IRC) Part Number: PFC-W1206HT-01-1001-F (1206, 100ppm/°C, 1 kilohm ±1%, Au terminations)
P F C
-
W 1
2
0
6
H T
-
0
1
-
1
0
0
1
-
F
1
2
3
4
5
6
Dimensions in inches (mm)
Model
L
W
H
a
b
W0603
0.063 ±0.004
(1.6 ±0.1)
0.031 ±0.004
(0.79 ±0.1)
0.02 ±0.004
(0.51 ±0.1)
0.012 ±0.005
(0.3 ±0.13)
0.015 ±0.005
(0.38 ±0.13)
W0805
0.081 ±0.005
(2.06 ±0.13)
0.05 ±0.005
(1.27 ±0.13)
0.02 ±0.006
(0.51 ±0.15)
0.015 ±0.008
(0.38 ±0.2)
0.016 ±0.008
(0.41 ±0.2)
W1206
0.126 ±0.006
(3.2 ±0.15)
0.063 ±0.005
(1.6 ±0.13)
0.024 ±0.004
(0.61 ±0.1)
0.025 ±0.01
(0.64 ±0.25)
0.025 ±0.01
(0.64 ±0.25)
1
2
3
4
5
6
Type
Size
Termination
TCR
Value
Tolerance
Packing
W=PFC 0603 HT = High temp. with
Au terminations
03 = ±25ppm/°C E24 = 3/4 characters
E96 = 3/4 characters
R = ohms
K = kilohms
F = ±1%
All sizes 1000/reel
0805
02 = ±50ppm/°C
G = ±2%
1206 HTLF = High temp.
with 100% Sn
terminations
01 = ±100ppm/°C
J = ±5%
1
2
3
4
5
6
Family Model
Termination
TCR
Value
Tolerance
Packing
PFC
W0603 HT = High temp. with
Au terminations
03 = ±25ppm/°C 3 digits + multiplier F = ±1%
All sizes 1000/reel
W0805
02 = ±50ppm/°C
R = ohms for
values <100 ohms
G = ±2%
W1206 HTLF = High temp.
with 100% Sn
terminations
01 = ±100ppm/°C
J = ±5%
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - W0805HT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
W0805HT WELWYN-W0805HT Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
W0805HT-01-100R-F WELWYN-W0805HT-01-100R-F Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
W0805HT-01-100R-G WELWYN-W0805HT-01-100R-G Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
W0805HT-01-100R-J WELWYN-W0805HT-01-100R-J Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
W0805HTLF-01-100R-F WELWYN-W0805HTLF-01-100R-F Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
More results

Similar Description - W0805HT

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
   available in industry standard package & specifications
29/06/11
logo
TT Electronics.
MIL-CHIP TTELEC-MIL-CHIP Datasheet
449Kb / 3P
   Four industry standard sizes available
logo
AVX Corporation
008290010000011 AVX-008290010000011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
   Available in industry standard sizes of 10-64 positions
008290034001011 AVX-008290034001011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
logo
Seoul Semiconductor
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
   Industry Standard PLCC SMT package Available in multiple colors
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
Grayhill, Inc
38BX-4-H-3-N GRAYHILL-38BX-4-H-3-N Datasheet
216Kb / 1P
   Drop-In Replacement for Industry Standard
logo
List of Unclassifed Man...
PLB124050 ETC2-PLB124050 Datasheet
361Kb / 10P
   Industry standard 3020 in PLCC-2
logo
Laird Tech Smart Techno...
EXS LSTD-EXS Datasheet
283Kb / 1P
   Available in various standard connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com