Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX66C1024MI-70 Datasheet(PDF) 2 Page - Macronix International

Part # MX66C1024MI-70
Description  5V Low Power CMOS SRAM 128 x 8 Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX66C1024MI-70 Datasheet(HTML) 2 Page - Macronix International

  MX66C1024MI-70 Datasheet HTML 1Page - Macronix International MX66C1024MI-70 Datasheet HTML 2Page - Macronix International MX66C1024MI-70 Datasheet HTML 3Page - Macronix International MX66C1024MI-70 Datasheet HTML 4Page - Macronix International MX66C1024MI-70 Datasheet HTML 5Page - Macronix International MX66C1024MI-70 Datasheet HTML 6Page - Macronix International MX66C1024MI-70 Datasheet HTML 7Page - Macronix International MX66C1024MI-70 Datasheet HTML 8Page - Macronix International MX66C1024MI-70 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MX66C1024
2
P/N DS00040
Rev. 1.0, November 1999
Macronix America Inc., USA 1338 Ridder Park Dr., San Jose, CA 95131
Tel (408)453-8088 Fax (408)451-0876 http: www.macronix.com
Name
Function
A0-A16 Address Input
These 17 address input select one of the 131,072 x 8-bit words in the RAM
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active to read
from or write to the device. If either chip enable is not active, the device is deselected
and is in a standby power mode. The DQ pins will be in the high impedance state
when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
DQ0 – DQ7 Data Input/Output
Ports
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground
n
n PIN DESCRIPTIONS
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
n
n ABSOLUTE MAXIMUM RATINGS(1)
n
n OPERATING RANGE
n
n CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not tested.
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal
Voltage
with
Respect to GND
-0.5 to +7.0
V
TBIAS
Temperature Under Bias
-40 to +125
O C
TSTG
Storage Temperature
-60 to +150
O C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
RANGE
AMBIENT
TEMPERATURE
Commercial
0
O C to +70 O C
Industrial
-40
O C to +70 O C
n
n TRUTH TABLE
MODE
WE
CE1
CE2
OE
I/O OPERATION
Vcc CURRENT
X
H
X
X
Not selected
(Power Down)
X
X
L
X
High Z
ICCSB, ICCSB1
Output Disabled
H
L
H
H
High Z
ICC
Read
H
L
H
L
DOUT
ICC
Write
L
L
H
X
DIN
ICC


Similar Part No. - MX66C1024MI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MC-10 MCNIX-MX66C256MC-10 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MC-70 MCNIX-MX66C256MC-70 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MI-10 MCNIX-MX66C256MI-10 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MI-70 MCNIX-MX66C256MI-70 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
More results

Similar Description - MX66C1024MI-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com