Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX66C1024MI-70 Datasheet(PDF) 9 Page - Macronix International

Part # MX66C1024MI-70
Description  5V Low Power CMOS SRAM 128 x 8 Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX66C1024MI-70 Datasheet(HTML) 9 Page - Macronix International

Back Button MX66C1024MI-70 Datasheet HTML 2Page - Macronix International MX66C1024MI-70 Datasheet HTML 3Page - Macronix International MX66C1024MI-70 Datasheet HTML 4Page - Macronix International MX66C1024MI-70 Datasheet HTML 5Page - Macronix International MX66C1024MI-70 Datasheet HTML 6Page - Macronix International MX66C1024MI-70 Datasheet HTML 7Page - Macronix International MX66C1024MI-70 Datasheet HTML 8Page - Macronix International MX66C1024MI-70 Datasheet HTML 9Page - Macronix International MX66C1024MI-70 Datasheet HTML 10Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MX66C1024
9
P/N DS00040
Rev. 1.0, November 1999
Macronix America Inc., USA 1338 Ridder Park Dr., San Jose, CA 95131
Tel (408)453-8088 Fax (408)451-0876 http: www.macronix.com
n
n PACKAGE DIMENSIONS (continued)


Similar Part No. - MX66C1024MI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MC-10 MCNIX-MX66C256MC-10 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MC-70 MCNIX-MX66C256MC-70 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MI-10 MCNIX-MX66C256MI-10 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MI-70 MCNIX-MX66C256MI-70 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
More results

Similar Description - MX66C1024MI-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com