Electronic Components Datasheet Search |
|
C327C225Z3U5HA7303 Datasheet(PDF) 4 Page - Kemet Corporation |
|
C327C225Z3U5HA7303 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1051_GOLDMAX_Z5U • 11/11/2016 4 Radial Leaded Multilayer Ceramic Capacitors Goldmax, 300 Series, Conformally Coated, Z5U Dielectric, 25 – 250 VDC (Commercial Grade) Environmental Compliance Lead (Pb)-free, REACH and RoHS compliant without exemptions when ordered with a 100% tin (Sn) wire lead finish. Product ordered with tin/ lead (Sn60/Pb40) wire lead finish do not meet RoHS criteria. Series Termination Finish (Wire Lead) RoHS Compliant RoHS Exemption Code REACH Compliant1 Halogen Free 300 (C3XX) 100% Matte Sn Yes n/a Yes Yes Sn60/Pb40 No n/a Yes Yes 1 REACHcomplianceindicatesproductdoes notcontainSubstance/sofVeryHighConcern(SVHC) Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range −10°C to +85°C Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC) +22%, −56% Aging Rate (Maximum % Cap Loss/Decade Hour) 7.0% Dielectric Withstanding Voltage 250% of rated voltage (5±1 second and charge/discharge not exceeding 50 mA at 25ºC) Dissipation Factor (DF) Maximum Limit at 25ºC See Dissipation Factor Limit Table Insulation Resistance (IR) Limit at 25°C 100 megohm microfarads or 10GΩ (Rated voltage applied for 120±5 seconds at 25°C) RegardingAgingRate:Capacitancemeasurements(includingtolerance)areindexedtoarefereetimeof48or1,000Hours.Pleaserefertoapart numberspecificdatasheetforrefereetimedetails. ToobtainIRlimit,divideMΩ-µFvaluebythecapacitanceandcomparetoGΩlimit.Selectthelowerofthetwolimits. Capacitanceanddissipationfactor(DF)measuredunderthefollowingconditions: 1kHz±50Hzand1.0±0.2V rmsifcapacitance≤10µF 120Hz±10Hzand0.5±0.1V rmsifcapacitance>10µF Note:Whenmeasuringcapacitance,itisimportanttoensurethesetvoltagelevelisheldconstant.TheHP4284andAgilentE4980haveafeatureknown as Automatic Level Control (ALC). The ALC feature should be switched to "ON." |
Similar Part No. - C327C225Z3U5HA7303 |
|
Similar Description - C327C225Z3U5HA7303 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |