Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9080R3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF9080R3
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9080R3 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF9080R3 Datasheet HTML 1Page - Motorola, Inc MRF9080R3 Datasheet HTML 2Page - Motorola, Inc MRF9080R3 Datasheet HTML 3Page - Motorola, Inc MRF9080R3 Datasheet HTML 4Page - Motorola, Inc MRF9080R3 Datasheet HTML 5Page - Motorola, Inc MRF9080R3 Datasheet HTML 6Page - Motorola, Inc MRF9080R3 Datasheet HTML 7Page - Motorola, Inc MRF9080R3 Datasheet HTML 8Page - Motorola, Inc MRF9080R3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF9080 MRF9080R3 MRF9080SR3 MRF9080LSR3
MOTOROLA RF DEVICE DATA
Figure 1. Broadband GSM 900 Test Circuit Schematic
VGG
VDD
C6
+
RF
INPUT
R1
C5
R2
R3
C4
+
C3
C9
C2
C1
C8
C7
DUT
C11 C12
RF
OUTPUT
C15
C10
C13
C14
C16
C17
C18
Table 1. Broadband GSM 900 Test Circuit Component Designations and Values
Part
Description
Value, P/N or DWG
Manufacturer
C1
4.7 pF Chip Capacitor, B Case
100B4R7BW
ATC
C2
2.7 pF Chip Capacitor, B Case
100B2R7BW
ATC
C3
1.5 pF Chip Capacitor, B Case
100B1R5BW
ATC
C4, C5, C9, C10, C12, C13
5.6 pF Chip Capacitors, B Case
100B5R6CW
ATC
C6, C16, C17
22 pF Chip Capacitors, B Case
100B220GW
ATC
C7, C18
10
µF, 35 V Tantalum Chip Capacitors
293D106X9035D2T
Sprague–Vishay
C8, C11
10 pF Chip Capacitors, B Case
100B100JW
ATC
C14
0.8 pF Chip Capacitor, B Case
100B0R8BW
ATC
C15
8.2 pF Chip Capacitor, B Case
100B8R2GW
ATC
R1, R2, R3
1.0 k
Ω, ??? W Chip Resistors (0805)
WB1, WB2
Beryllium Copper Wear Blocks
0.004
″ x 0.210″ x 0.520″
Raw PCB Material
30 mil Glass Teflon,
εr = 2.55
TLX8–0300
Taconic
PCB
Etched Circuit Board
C–GY–00–001–02
Cibel


Similar Part No. - MRF9080R3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9080LR3 FREESCALE-MRF9080LR3 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
MRF9080LR3 FREESCALE-MRF9080LR3 Datasheet
223Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9080LR3 FREESCALE-MRF9080LR3_08 Datasheet
223Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9080LSR3 FREESCALE-MRF9080LSR3 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
More results

Similar Description - MRF9080R3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com