Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393813-4 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part No. 9-1393813-4
Description  Strong magnet system and wide voltage range
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 7 page
background image
03-2012, Rev. 0312
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
7
AXICOM
Signal Relays
Cradle S Relay V23054/V23062 (Continued)
Product code
Version
Coil
Operate/Lim.
Arrangement
Contacts
Enclosure
PartNumber
V23054-EXXXX, 5A, size III
V23054-E1003-F110
5A, size III
220VDC
118/240VDC
4 form C, 4 CO
Single
Dust protected
5-1393813-9
V23054-E1004-F110
5A, size III
110VDC
66/145VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-0
V23054-E1011-F110
5A, size III
6VDC
3.5/9VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-1
V23054-E1015-F110
5A, size III
12VDC
7/18VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-3
V23054-E1016-F110
5A, size III
12.5VDC
8.1/21.5VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-6
V23054-E1017-F110
5A, size III
16VDC
10.5/25.5VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-8
V23054-E1019-F110
5A, size III
20VDC
13/31VDC
4 form C, 4 CO
Single
Dust protected
7-1393813-2
V23054-E1020-F110
5A, size III
24VDC
15.5/39VDC
4 form C, 4 CO
Single
Dust protected
7-1393813-6
V23054-E1021-F110
5A, size III
32VDC
21/50VDC
4 form C, 4 CO
Single
Dust protected
8-1393813-1
V23054-E1022-F110
5A, size III
45VDC
29/66VDC
4 form C, 4 CO
Single
Dust protected
8-1393813-2
V23054-E1026-F110
5A, size III
60VDC
43/94VDC
4 form C, 4 CO
Single
Dust protected
8-1393813-5
V23054-E3020-F110
5A, size III
24VDC
15.5/39VDC
4 form C, 4 CO
Single
Dust protected
1-1393814-0
V23062-AXXXX, standard, size I
V23062-A0014-C404
Standard, size I
76VDC
32/110VDC
2 form C, 2 CO
Bifurcated
Herm. sealed
1393815-1
V23062-A0025-C104
Standard, size I
28VDC
15/40VDC
2 form C, 2 CO
Bifurcated
Herm. sealed
1393815-2
V23062-A0046-C104
Standard, size I
29VDC
13/43VDC
2 form C, 2 CO
Bifurcated
Herm. sealed
1393815-3
V23062-BXXXX, standard, size II
V23062-B0019-C410
Standard, size II
20VDC
13/31VDC
4 form C, 4 CO
Bifurcated
Herm. sealed
1393815-4
V23062-B0020-C110
Standard, size II
24VDC
15.5/39VDC
4 form C, 4 CO
Bifurcated
Herm. sealed
1393815-5
V23062-B0022-C110
Standard, size II
45VDC
29/66VDC
4 form C, 4 CO
Bifurcated
Herm. sealed
1393815-7
V23062-B0026-B610
Standard, size II
60VDC
29/94VDC
4 form C, 4 CO
Single
Herm. sealed
1393815-8
V23062-BXXXX, 5A, size II
V23062-B1004-F104
5A, size II
110VDC
53.5/145VDC
2 form C, 2 CO
Single
Herm. sealed
1-1393815-1
V23062-B1026-F104
5A, size II
60VDC
36/94VDC
2 form C, 2 CO
Single
Herm. sealed
1-1393815-7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl