Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393813-4 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part No. 9-1393813-4
Description  Strong magnet system and wide voltage range
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 5 page
background image
03-2012, Rev. 0312
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
Signal Relays
Cradle S Relay V23054/V23062 (Continued)
Product code structure
Typical product code
V23054
-D
0
021
-B1
10
Type
V23054
Cradle S Relay, dust protected
V23062
Cradle S Relay, hermetically sealed
Size
V23054 types
C
Size I, dust-protected
D
Size II, dust-protected
E
Size III, dust-protected
V23062 types
A
Size I, hermetically sealed
B
Size II, hermetically sealed
Version
0
Standard version
1
Fitted with contact pile-ups F
2
For higher test voltage of 2kV coil/frame
3
Combination of 1 & 2 (contact pile-ups F and higher test voltage coil/frame)
Coils
Coil code: please refer to coil versions table
Contact style
B1
Single contacts
B6
Single contacts
F1
Single contacts
C1
Bifurcated contacts
C4
Bifurcated contacts
Contact arrangement
04
2 form C, 2 CO
05
2 form A, 1 NO
10
4 form C, 4 CO
12
6 form A, 6 NO
33
6 form C, 6 CO
Other types on request
Product code
Version
Coil
Operate/Lim. Arrangement
Contacts
Enclosure
PartNumber
V23054-CXXXX, standard, size I
V23054-C0013-B104
Standard, size I
125VDC
59/190VDC
2 form C, 2 CO
Single
Dust protected
2-1419172-8
V23054-C0015-B104
Standard, size I
12VDC
4.7/18VDC
2 form C, 2 CO
Single
Dust protected
1393812-6
V23054-C0016-B104
Standard, size I
12.5VDC
5.4/21.5VDC
2 form C, 2 CO
Single
Dust protected
1393812-7
V23054-C0019-C104
Standard, size I
20VDC
10.5/31VDC
2 form C, 2 CO
Bifurcated
Dust protected
1422019-3
V23054-C2003-C404
Standard, size I
220VDC
98/240VDC
2 form C, 2 CO
Bifurcated
Dust protected
3-1393812-2
V23054-C2004-B104
Standard, size I
110VDC
44/145VDC
2 form C, 2 CO
Single
Dust protected
3-1393812-3
V23054-C2013-B104
Standard, size I
125VDC
59/190VDC
2 form C, 2 CO
Single
Dust protected
3-1393812-4
V23054-C2020-B104
Standard, size I
24VDC
10.5/39VDC
2 form C, 2 CO
Single
Dust protected
3-1393812-5
V23054-C2026-C104
Standard, size I
60VDC
36/94VDC
2 form C, 2 CO
Bifurcated
Dust protected
3-1393812-6
V23054-C0020-B104
Standard, size I
24VDC
10.5/39VDC
2 form C, 2 CO
Single
Dust protected
1-1393812-0
V23054-C0020-C104
Standard, size I
24VDC
13/39VDC
2 form C, 2 CO
Bifurcated
Dust protected
1-1393812-1
V23054-C0021-B104
Standard, size I
32VDC
14.5/50VDC
2 form C, 2 CO
Single
Dust protected
1-1393812-2
V23054-C0021-C104
Standard, size I
32VDC
17.5/50VDC
2 form C, 2 CO
Bifurcated
Dust protected
1-1393812-3
V23054-C0021-C404
Standard, size I
32VDC
17.5/50VDC
2 form C, 2 CO
Bifurcated
Dust protected
1-1393812-4
V23054-C0022-B104
Standard, size I
45VDC
19/66VDC
2 form C, 2 CO
Single
Dust protected
1-1393812-5
V23054-C0022-C104
Standard, size I
45VDC
24/66VDC
2 form C, 2 CO
Bifurcated
Dust protected
1-1393812-6
V23054-C0026-B104
Standard, size I
60VDC
29/94VDC
2 form C, 2 CO
Single
Dust protected
2-1393812-0
V23054-C0026-C104
Standard, size I
60VDC
36/94VDC
2 form C, 2 CO
Bifurcated
Dust protected
2-1393812-3
V23054-C0026-C404
Standard, size I
60VDC
36/94VDC
2 form C, 2 CO
Bifurcated
Dust protected
2-1393812-4
V23054-C003-B104
Standard, size I
220VDC
79/240VDC
2 form C, 2 CO
Single
Dust protected
1393812-2
V23054-C003-C104
Standard, size I
220VDC
98/240VDC
2 form C, 2 CO
Bifurcated
Dust protected
1393812-3
V23054-C004-B104
Standard, size I
110VDC
44/145VDC
2 form C, 2 CO
Single
Dust protected
1393812-4
V23054-C004-C104
Standard, size I
110VDC
53.5/145VDC
2 form C, 2 CO
Bifurcated
Dust protected
1393812-5
V23054-CXXXX, 5A, size I
V23054-C1022-F105
5A, size I
45VDC
19/66VDC
2 form A, 2 NO
Single
Dust protected
3-1393812-1
V23054-C3015-F105
5A, size I
12VDC
4.7/18VDC
2 form A, 2 NO
Single
Dust protected
1422019-5




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl