Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGLN-PG11 Datasheet(PDF) 1 Page - Richco, Inc.

Part # CGLN-PG11
Description  CABLE GLAND LOCK NUTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

CGLN-PG11 Datasheet(HTML) 1 Page - Richco, Inc.

  CGLN-PG11 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NUMBER
COLOUR: GREY RAL 7035
SPECIAL ORDER NAFTA
PART NUMBER
COLOUR: BLACK RAL 9005
SPECIAL ORDER EU
THREAD
SIZE
"SW-2"
0.5[.020]
"T"
REF
CGLN-M12
CGLN-M12-BK
M12
17[.669]
5[.197]
CGLN-M16
CGLN-M16-BK
M16
22[.866]]
CGLN-M20
CGLN-M20-BK
M20
27[1.063]
6[.236]
CGLN-M25
CGLN-M25-BK
M25
32[1.260]
CGLN-M32
CGLN-M32-BK
M32
41[1.614]
7[.276]
CGLN-M40
CGLN-M40-BK
M40
50[1.969]
CGLN-PG7
CGLN-PG7-BK
PG7
19[.748]
5[.197]
CGLN-PG9
CGLN-PG9-BK
PG9
22[.866]]
CGLN-PG11
CGLN-PG11-BK
PG11
24[.945]
CGLN-PG13.5
CGLN-PG13.5-BK
PG13.5
27[1.063]
6[.236]
CGLN-PG16
CGLN-PG16-BK
PG16
30[1.181]
CGLN-PG21
CGLN-PG21-BK
PG21
36[1.417]
7[.276]
CGLN-PG29
CGLN-PG29-BK
PG29
46[1.811]
CGLN-PG36
CGLN-PG36-BK
PG36
60[2.362]
8[.315]
*CGLN-NPT-3/8
CGLN-NPT-3/8-BK
NPT-3/8
22[.866]]
5[.197]
*CGLN-NPT-1/2
CGLN-NPT-1/2-BK
NPT-1/2
27[1.063]
6[.236]
*CGLN-NPT-3/4
CGLN-NPT-3/4-BK
NPT-3/4
36[1.417]
7[.276]
*CGLN-NPT-1
CGLN-NPT-1-BK
NPT-1
42[1.654]
*SPECIAL ORDER EU REGION
C
NOTES:
TEMPERATURE RANGE -20 C TO +100
ALTERNATE UNITS FOR REFERENCE ONLY
CO2010958
2
3
4
A
B
1
C
B
A
D
2
1
E
F
15/07/10
MT
REPRODUCED IN WHOLE OR PART WITHOUT THEIR WRITTEN CONSENT.
DRN
MATERIAL:
DESCRIPTION:
3
CHKD
DATE
SCALE
DRG No:
SHEET No.
DATE
C
1 OF 1
09/04/09
CABLE GLAND LOCK NUTS
MT
COLOUR:
TC
08/10/09
NTS
REV.
MODIFICATION.
DATE
DRN
01
19/01/10
MT
D
E
4
09-112
NPR No:
EU09-0034
RICHCO INTERNATIONAL Co. Ltd. AND MAY NOT BE DISCLOSED OR
INFORMATION CONTAINED IN THIS DOCUMENT IS CONFIDENTIAL TO
WWW.RICHCO-INC.COM
SHEET SIZE
THIRD
Production release
A4
NYLON 6 GF30 (RMS-044)
ANGLE
SEE TABLE
1
PART No:
CGLN-XX
FORM No. 0143/00
ALL DIMENSIONS IN mm[inch]
GENERAL TOLERANCES
UNLESS OTHERWISE STATED
1 DECIMAL PLACE
2 DECIMAL PLACES
ANGULAR
RICHCO, INC.
02
"SW-2"
"T"


Similar Part No. - CGLN-PG11

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CGL ITT-CGL Datasheet
82Kb / 1P
   Circular; Industrial Automation Machine Tools Motion Control
logo
Coolgear Inc.
CGL-4P150BRD COOLGEAR-CGL-4P150BRD Datasheet
522Kb / 2P
   USB PD Integrator Board for 150W Charging USB C/A Multi-Port - PCBA
CGL-4P180WUC COOLGEAR-CGL-4P180WUC Datasheet
675Kb / 2P
   USB PD-Power Hub 4X45 180W TYPE-C Power Delivery MultiPort Charger with QC3.0
Rev 01.200714
logo
ITT Industries
CGL-B ITT-CGL-B Datasheet
82Kb / 1P
   Circular; Industrial Automation Machine Tools Motion Control
logo
Coolgear Inc.
CGL-CCG3PAV3 COOLGEAR-CGL-CCG3PAV3 Datasheet
2Mb / 2P
   USB Car Charger Board 60W USB C High Power PCB Only with Cypress CCG3PA, PPS Support
Rev 01.200715
More results

Similar Description - CGLN-PG11

ManufacturerPart #DatasheetDescription
logo
Altech corporation
7211498 ALTECH-7211498 Datasheet
64Kb / 2P
   Lock Nuts, Polyamide
logo
List of Unclassifed Man...
561-H632 ETC2-561-H632 Datasheet
132Kb / 2P
   Nylon Lock Nuts
logo
Altech corporation
5808253 ALTECH-5808253 Datasheet
184Kb / 2P
   Cable Gland
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
   NYLON CABLE GLAND
logo
TE Connectivity Ltd
C-T360XXXXXXX000 TEC-C-T360XXXXXXX000 Datasheet
465Kb / 1P
   METAL CABLE GLAND
logo
PHOENIX CONTACT
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
   Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
   Cable gland - RC-Z2417
logo
FIBOX Enclosing innovat...
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
   EPDM Cable gland M32
16.08.2023
3545091 FIBOX-3545091 Datasheet
395Kb / 2P
   Chloroprene Cable gland PG16
16.08.2023
3545103 FIBOX-3545103 Datasheet
160Kb / 2P
   EPDM Cable gland M63
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com