Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393813-0 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part No. 9-1393813-0
Description  Strong magnet system and wide voltage range
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 2 page
background image
03-2012, Rev. 0312
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
Cradle S Relay V23054/V23062 (Continued)
Coil Data
Magnetic system
neutral
Coil voltage range
6 to 220 VDC,
1000 - 2000mW power consumption
Max. coil temperature
100 °C
Thermal resistance
< 40K/W
Coil versions, DC coil, monostable
Coil
Rated
Operate/Limiting
Coil
Rated coil
code
voltage
voltage1)
resistance
power
VDC
VDC
Ω ± 10%
mW
011
6
-
33
1091
012
8.4
-
70
1008
015
12
-
130
1108
016
12.5
-
185
845
017
16
-
270
948
019
20
-
390
1026
020
24
-
630
914
002
1.2
-
1.75
823
025
28
-
800
980
046
29
-
890
945
021
32
-
1050
975
022
45
-
1900
1066
026
60
-
3800
947
014
76
-
5800
996
004
110
-
9200
1315
013
125
-
15500
1008
003
220
-
25000
1936
1) See part code table.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
B1xx,B6xx,C1xx,C4xx F1xx
Initial surge withstand voltage
between open contacts
500Vrms
500Vrms
between contact and coil
500Vrms
1000Vrms
between adjacent contacts
500Vrms
1000Vrms
Initial insulation resistance, at 500VDC
> 106Ω
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental protection
IEC 61810
RT I - dust protected,
RT V - hermetically sealed
Degree of protection, IEC 60529
dust-protected IP 30,
or hermetically sealed IP 67
Terminal type
PCB, solder terminals
Weight
V23054 Size I
approx. 20g
V23054 Size II
approx. 25g
V23054Size III
approx. 27g
V23062 Size I
approx. 30g
V23062 Size II
approx. 35g
Washing
not recommended
Ultrasonic cleaning
not recommended
Packaging unit
5 pcs.
Accessories
For details see datasheet
Cradle Relay, Accessories and Mounting
Terminals:
coil with 1 winding: start 4, end 1
coil with 2 windings (upon request):
start 3, end 2 for winding I, start 4, end 1 for winding II
The minimum voltage UI depends on the contact set and the ambient
temperature, the maximum voltage UII only depends on the ambient
temperature.
Between minimum voltage UI tamb and operating voltage U a safety margin
of approx. 20% is recommended.
UI tamb (1.2) < UI ≤ UII tamb
UI tamb
UI · U20 °C · kI tamb
UII tamb
UIl 20 °C · kII tamb
tamb
Ambient temperature
U
Operating voltage
UI tamb
Minimum voltage at ambient temperature, tamb
UII tamb
Maximum voltage at ambient temperature, tamb
kI and kII
Factors




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl