Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1393147-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 1393147-1
Description  Mechanical indicator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1393147-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  1393147-1 Datasheet HTML 1Page - TE Connectivity Ltd 1393147-1 Datasheet HTML 2Page - TE Connectivity Ltd 1393147-1 Datasheet HTML 3Page - TE Connectivity Ltd 1393147-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 2/3/7
n
2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
n
Switching capacity up to 6000VA
n
DC or AC coil
n
Mechanical indicator
n
Push-to-test button
n
Plug-in version, PCB terminals, chassis- or DIN-rail mount
Typical applications
Elevator control, power supplies
Approvals
VDE Cert. No. 40003144, UL E214025
Technical data of approved types on request
Contact Data
RM2
RM3
RM7
Contact arrangement
2 form C
3 form C
3 form C
2 CO
3 CO
3 CO
Rated voltage
400VAC
Max. switching voltage
440VAC
Rated current
16A
10A
16A
Limiting making current, max. 20ms
40A
40A
40A
Switching power
6000VA
3800VA
6000VA
Contact material
ACdO,
AgCdO,
AgCdO
AgNi90/10
in preparation
Min. recommended contact load
24VDC/100mA
Frequency of operation, with/without load
960/6000h-1
Operate/release time max., DC coil
15/10ms
Bounce time max., DC coil, form A/form B
4/10ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RM20
C (CO)
16A, 400VAC, cos
φ=1, 35°C
100x103
RM22
C (CO)
16A, 400VAC, cos
φ=1, DC-coil, 70°C
100x103
RM22
C (CO)
16A, 400VAC, cos
φ=1, AC-coil, 60°C
50x103
RM30
C (CO)
10A, 400VAC, cos
φ=1, 35°C
100x103
RM70
C (CO)
16A, 400VAC, cos
φ=1, 35°C
100x103
UL 508
RM2
A (NO)
16A, 277VAC, general purpose, 70°C
30x103
RM2
A (NO)
16A, 415VAC, resistive, 70°C
100x103
RM20
A (NO)
10A, 48VDC, 50°C
30x103
RM3
C (CO)
10A, 415VAC, resistive, DC-coil, 70°C
100x103
RM3
C (CO)
10A, 415VAC, resistive, AC-coil, 55°C
100x103
RM30
A (NO)/B (NC) 10A, 277VAC, gen. purp., DC-coil, 70°C
30x103
RM30
A (NO)/B (NC) 10A, 277VAC, gen. purp., AC-coil, 55°C
30x103
RM7
A (NO)
16A, 415VAC, resistive, 50°C
100x103
RM7
A (NO)/B (NC) 16A, 277VAC, general purpose, 50°C
30x103
Contact Data (continued)
RM2
RM3
RM7
Mechanical endurance
DC coil
20x106 operations
AC coil
20x106 operations
Coil Data
Coil voltage range
6 to 220VDC
6 to 400VAC
Operative range, IEC 61810
2
Coil insulation system according UL
class 130 (B)
Coil versions, DC coil
Coil code
Rated
Coil
Rated coil
STD
LED
PD3)
LED+
voltage
resistance
power
bipolar
PD3)
VDC
Ω±10%1)2)
W
Coil versions, DC coil, RM2, RM3
006
L06
0A6
LA6
6
32
1.1
012
L12
0B2
LB2
12
110
1.3
024
L24
0C4
LC4
24
475
1.2
048
L48
0E8
LE8
48
2000
1.2
060
L60
0G0
LG0
60
2850
1.3
110
M10
1B0
MB0
110
100001)
1.2
221
N21
2C1
NC1
220
400002)
1.2
Coil versions, DC coil, RM7
006
L06
0A6
LA6
6
24
1.5
012
L12
0B2
LB2
12
86
1.7
024
L24
0C4
LC4
24
345
1.7
048
L48
0E8
LE8
48
1340
1.7
060
L60
0G0
LG0
60
2200
1.6
110
M10
1B0
MB0
110
7300
1.7
221
N21
2C1
NC1
220
300002)
1.6
Operate voltage, DC coil
75% of rated coil voltage
Release voltage, DC coil
10% of rated coil voltage
1) Coil resistance ±12%, 2) Coil resistance ±15%
3) Protection diode PD; standard polarity: +A1 / -A2
All figures are given for coil without pre-energization, at ambient temperature +23°C
F0163-B
Z


Similar Part No. - 1393147-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1393147-1 TEC-1393147-1 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
More results

Similar Description - 1393147-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
MT221012 TEC-MT221012 Datasheet
366Kb / 3P
   Mechanical indicator as standard
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
   Mechanical and electrical indicator
PT270024 TEC-PT270024 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
AZ Displays
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
   MECHANICAL DATA
AGM3224S AZDISPLAYS-AGM3224S Datasheet
520Kb / 16P
   MECHANICAL DATA
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
   Mechanical Encoder
Revision: 05-Aug-04
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
   MECHANICAL DATA
logo
AZ Displays
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
   MECHANICAL DATA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com