Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-1393190-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 5-1393190-3
Description  UL Class F coil insulation system
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393190-3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  5-1393190-3 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393190-3 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393190-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
General Purpose Relays
PCB Relays
Miniature PCB Relay T7C (Continued)
Product code
Enclosure
Cont.arrangement
Coil input
Contact material
Coil voltage
Part number
T7CS1D-05
Wash tight
1 form A (NO)
DC coil
AgCdO
5VDC
1393190-7
T7CS1D-12
12VDC
1-1393190-0
T7CS1D-24
24VDC
1-1393190-2
T7CS1D2-05
Ag
5VDC
1-1393190-4
T7CS1D2-09
9VDC
1-1440006-1
T7CS1D2-12
12VDC
1-1393190-5
T7CS1D2-24
24VDC
1-1393190-6
T7CS5D-05
1 form C (CO)
AgCdO
5VDC
1-1393190-8
T7CS5D-09
9VDC
2-1393190-0
T7CS5D-12
12VDC
2-1393190-2
T7CS5D-24
24VDC
2-1393190-8
T7CS5D-48
48VDC
3-1393190-1
T7CV1D-24
Flux proof
1 form A (NO)
24VDC
4-1393190-3
T7CV5D-05
1 form C (CO)
5VDC
4-1393190-6
T7CV5D-06
6VDC
4-1393190-7
T7CV5D-12
12VDC
5-1393190-3
T7CV5D-24
24VDC
6-1393190-0
Product code structure
Typical product code
T7C
V
5
D
2
-24
Type
T7C
Miniature PCB Relay T7C
Enclosure
V
Flux proof
S Wash tight, immersion cleanable case with knock-off nib
Contact arrangement
1
1 form A (NO) contact
5
1 form C (CO) contact
Coil input
D DC coil
Contact material
Blank AgCdO
2
Ag
Coil voltage
Coil code: please refer to coil versions table (e.g. 05=5VDC)
Other types on request


Similar Part No. - 5-1393190-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1393190-3 MACOM-5-1393190-3 Datasheet
1Mb / 3P
   add new type and modify mistake
More results

Similar Description - 5-1393190-3

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AETD39-3644 ALLIED-AETD39-3644_18 Datasheet
885Kb / 2P
   UL Class B 130 Insulation System File
logo
CIT Relay & Switch
J123F CIT-J123F Datasheet
130Kb / 2P
   UL F class rated standard
J115F2 CIT-J115F2 Datasheet
176Kb / 3P
   UL F class rated standard
J115F1 CIT-J115F1 Datasheet
190Kb / 3P
   UL F class rated standard
J117F CIT-J117F Datasheet
92Kb / 3P
   UL F class rated standard
J115F3 CIT-J115F3 Datasheet
171Kb / 3P
   UL F class rated standard
J107F CIT-J107F Datasheet
94Kb / 3P
   UL F class rated standard
J109F CIT-J109F Datasheet
90Kb / 3P
   UL F class rated standard
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
logo
3M Electronics
1579 3M-1579 Datasheet
180Kb / 4P
   VentureClad??Insulation Jacketing System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com