Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393203-9 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2-1393203-9
Description  Bistable and DC version
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1393203-9 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2-1393203-9 Datasheet HTML 1Page - TE Connectivity Ltd 2-1393203-9 Datasheet HTML 2Page - TE Connectivity Ltd 2-1393203-9 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay U/UB (Continued)
Product code structure
Typical product code
V23148
-A
0
0
07
-A
101
Type
V23148 Power PCB Relay U/UB
Version
A Monostable (Miniature power relay U)
B Bistable (Miniature power relay UB, remanence version)
Dielectric strength coil-contact
0
2kVrms
1
4kVrms
Version
Monostable
Bistable
0
Standard
0
Standard
1
Sensitive
Coil
03 6VDC
07 24VDC
05 12VDC
08 48VDC
Contact configuration
A 1 form C contact (1 CO)
C 1 form B contact (1 NC)
B 1 form A contact (1 NO)
Contact material
101
AgNi10
Other types on request
Product code
Version
Dielectric
Version
Arrangement
Part number
V23148-A0003-A101
Monostable
2000 Vrms
Standard
1 form C (CO)
1393203-4
V23148-A0003-B101
relay ‚U‘
contact-coil
1 form A (NO)
1393203-5
V23148-A0005-A101
AgNi10
1 form C (CO)
1393203-8
V23148-A0005-B101
1 form A (NO)
1393203-9
V23148-A0007-A101
1 form C (CO)
1-1393203-1
V23148-A0007-B101
1 form A (NO)
1-1393203-2
V23148-A0008-A101
1 form C (CO)
1-1393203-4
V23148-A0105-A101
Sensitive
2-1393203-1
V23148-A0107-A101
2-1393203-4
V23148-A1005-A101
4000 Vrms
Standard
2-1393203-7
V23148-A1007-A101
contact-coil
2-1393203-8
V23148-A1105-A101
Sensitive
2-1393203-9
V23148-A1107-A101
3-1393203-1
V23148-B0003-A101
Bistable
2000 Vrms
Standard
1393204-4
V23148-B0005-A101
relay ‚UB‘
contact-coil
1393204-7
V23148-B0007-A101
AgNi10
1-1393204-0
V23148-B0008-A101
1-1393204-3


Similar Part No. - 2-1393203-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393203-9 MACOM-2-1393203-9 Datasheet
407Kb / 3P
   Power PCB Relay U/UB
More results

Similar Description - 2-1393203-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
   For DC operations, polarised, monostable or bistable
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
   Quad. Bistable Latches
logo
Renesas Technology Corp
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
   Quad. Bistable Latches
logo
Hitachi Semiconductor
HD74LS375 HITACHI-HD74LS375 Datasheet
66Kb / 6P
   Quadruple Bistable Latches
logo
Renesas Technology Corp
HD74LS75 RENESAS-HD74LS75 Datasheet
86Kb / 6P
   Quadruple Bistable Latches
logo
Hitachi Semiconductor
HD74LS75 HITACHI-HD74LS75 Datasheet
66Kb / 6P
   Quadruple Bistable Latches
logo
Renesas Technology Corp
HD74LS375 RENESAS-HD74LS375 Datasheet
68Kb / 6P
   Quadruple Bistable Latches
logo
Hitachi Semiconductor
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
   Quad. Bistable Latches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com