Electronic Components Datasheet Search |
|
MHP35 Datasheet(PDF) 6 Page - TT Electronics. |
|
MHP35 Datasheet(HTML) 6 Page - TT Electronics. |
6 / 6 page MHP TO-220 Series Power Resistor MHP Series www.bitechnologies.com www.irctt.com www.welwyn-tt.com General Note TT electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT electronics’ own data and is considered accurate at time of going to print. © TT electronics plc 09. 11 For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below. Ordering Data Prefix TFP - MHP20LF - 1R50 - J - L04 Style MHP20LF = 20W, TO-220 style power resistor MHP35LF = 35W, TO-220 style power resistor 07017 = DSCC drawing (07017) ver. of above MHP50LF = 50W, TO-220 style power resistor 07018 = DSCC drawing (07018) ver. of above Resistance Code 4-digit resistance code. Ex: 10R0 = 10Ω, 1K00 = 1KΩ Absolute Tolerance Code J = ±5%; F = ±1% Standard Packaging L04 = RoHS compliant tube (50 pcs per tube) Application Notes: 1. Insulating material is unnecessary between the heat sink and the tab, as the resistor film is isolated by the internal alumina substrate. 2. When mounting with a fastener, thermal grease is recommended. 3. Thermal design should satisfy the following equation: Tab Temperature (T T ) + [Thermal Resistance (R JT ) x Power applied (Watts)] ≤ 155°C over the full operating temperature of the application. 4. Resistor film temperature is not to exceed 155°C during operation. 5. This product is RoHS compliant by exemption according to RoHS directive 2002/95/EC exemptions 5 & 7, as they apply to lead in glass and internal solder connections. Temperature Rise Data Power (Watts) 140 120 100 80 60 40 20 0 0 5 10 15 20 25 30 35 40 45 50 MHP20 MHP35 MHP50 Resistor Film Temp Rise with Respect to Flange Temp Power Derating Data 50 155° 25° 10 100 Flange Temperature (°C) 0.01 0.1 1.0 Resistance (Ohms) 250 200 150 100 50 Typical TCR For Low Values Tube Packaging Data A D C B E F G Tube Dimensions Dim Nom. (mm) Tol. (mm) A 3.25 0.15 B 8.0 0.15 C 16.25 0.15 D 34.4 (34.0) E 6.4 (6.0) F R0.7 (R0.5) G 535.0 1.0 OBSOLETE |
Similar Part No. - MHP35 |
|
Similar Description - MHP35 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |