Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F161ZP103M630V Datasheet(PDF) 8 Page - Kemet Corporation

Part # F161ZP103M630V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161ZP103M630V Datasheet(HTML) 8 Page - Kemet Corporation

Back Button F161ZP103M630V Datasheet HTML 4Page - Kemet Corporation F161ZP103M630V Datasheet HTML 5Page - Kemet Corporation F161ZP103M630V Datasheet HTML 6Page - Kemet Corporation F161ZP103M630V Datasheet HTML 7Page - Kemet Corporation F161ZP103M630V Datasheet HTML 8Page - Kemet Corporation F161ZP103M630V Datasheet HTML 9Page - Kemet Corporation F161ZP103M630V Datasheet HTML 10Page - Kemet Corporation F161ZP103M630V Datasheet HTML 11Page - Kemet Corporation F161ZP103M630V Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016
8
Film Surface Mount Capacitors
General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC
Table 1 – Ratings & Part Number Reference cont'd
(1) J = ±5%, K = ±10%, M = ±20%, other tolerances on request.
(2) Insert ordering code for lead type and packaging. See Ordering Options Table for available options.
VDC
VAC
Capacitance
Value (µF)
Chip Size
Dimension in mm
dV/dt
(V/µs)
Part Number
B
H
L
100
63
1.2
5045
11.5
6.5
12.7
50
F161YR125(1)100(2)
100
63
1.5
5045
11.5
6.5
12.7
50
F161YR155(1)100(2)
100
63
1.8
5045
11.5
6.5
12.7
50
F161YR185(1)100(2)
100
63
2.2
6560
15.0
7.0
16.5
50
F161ZS225(1)100(2)
100
63
2.7
6560
15.0
7.0
16.5
50
F161ZS275(1)100(2)
100
63
3.3
6560
15.0
7.0
16.5
50
F161ZS335(1)100(2)
100
63
3.9
6560
15.0
7.0
16.5
50
F161ZS395(1)100(2)
100
63
4.7
6560
15.0
7.0
16.5
50
F161ZS475(1)100(2)
250
160
0.01
2824
6.0
3.0
7.3
150
F161SL103(1)250(2)
250
160
0.012
2824
6.0
3.0
7.3
150
F161SL123(1)250(2)
250
160
0.015
2824
6.0
3.0
7.3
150
F161SL153(1)250(2)
250
160
0.018
2824
6.0
3.0
7.3
150
F161SL183(1)250(2)
250
160
0.022
2824
6.0
3.0
7.3
150
F161SL223(1)250(2)
250
160
0.027
2824
6.0
3.5
7.3
150
F161SP273(1)250(2)
250
160
0.033
2824
6.0
3.5
7.3
150
F161SP333(1)250(2)
250
160
0.039
2824
6.0
3.5
7.3
150
F161SP393(1)250(2)
250
160
0.047
2824
6.0
4.5
7.3
150
F161ST473(1)250(2)
250
160
0.022
4036
9.1
5.5
10.2
150
F161WP223(1)250(2)
250
160
0.027
4036
9.1
5.5
10.2
150
F161WP273(1)250(2)
250
160
0.033
4036
9.1
5.5
10.2
150
F161WP333(1)250(2)
250
160
0.039
4036
9.1
5.5
10.2
150
F161WP393(1)250(2)
250
160
0.047
4036
9.1
5.5
10.2
150
F161WP473(1)250(2)
250
160
0.056
4036
9.1
5.5
10.2
150
F161WP563(1)250(2)
250
160
0.068
4036
9.1
5.5
10.2
150
F161WP683(1)250(2)
250
160
0.082
4036
9.1
5.5
10.2
150
F161WP823(1)250(2)
250
160
0.1
4036
9.1
5.5
10.2
150
F161WP104(1)250(2)
250
160
0.12
4036
9.1
5.5
10.2
150
F161WP124(1)250(2)
250
160
0.15
4036
9.1
5.5
10.2
150
F161WP154(1)250(2)
250
160
0.18
4036
9.1
5.5
10.2
150
F161WP184(1)250(2)
250
160
0.22
4036
9.1
5.5
10.2
150
F161WP224(1)250(2)
250
160
0.27
5045
11.5
6.5
12.7
150
F161YR274(1)250(2)
250
160
0.33
5045
11.5
6.5
12.7
150
F161YR334(1)250(2)
250
160
0.39
5045
11.5
6.5
12.7
150
F161YR394(1)250(2)
250
160
0.47
5045
11.5
6.5
12.7
150
F161YR474(1)250(2)
250
160
0.56
6560
15.0
7.0
16.5
150
F161ZS564(1)250(2)
250
160
0.68
6560
15.0
7.0
16.5
150
F161ZS684(1)250(2)
250
160
0.82
6560
15.0
7.0
16.5
150
F161ZS824(1)250(2)
250
160
1
6560
15.0
7.0
16.5
150
F161ZS105(1)250(2)
400
200
0.022
4036
9.1
5.5
10.2
200
F161WP223(1)400(2)
400
200
0.027
4036
9.1
5.5
10.2
200
F161WP273(1)400(2)
400
200
0.033
4036
9.1
5.5
10.2
200
F161WP333(1)400(2)
400
200
0.039
4036
9.1
5.5
10.2
200
F161WP393(1)400(2)
400
200
0.047
4036
9.1
5.5
10.2
200
F161WP473(1)400(2)
400
200
0.056
4036
9.1
5.5
10.2
200
F161WP563(1)400(2)
400
200
0.068
4036
9.1
5.5
10.2
200
F161WP683(1)400(2)
400
200
0.082
5045
9.1
5.5
10.2
200
F161WP823(1)400(2)
400
200
0.1
5045
11.5
6.5
12.7
200
F161YR104(1)400(2)
400
200
0.12
5045
11.5
6.5
12.7
200
F161YR124(1)400(2)
400
200
0.15
5045
11.5
6.5
12.7
200
F161YR154(1)400(2)
400
200
0.18
5045
11.5
6.5
12.7
200
F161YR184(1)400(2)
400
200
0.22
6560
15.0
7.0
16.5
200
F161ZS224(1)400(2)
400
200
0.27
6560
15.0
7.0
16.5
200
F161ZS274(1)400(2)
400
200
0.33
6560
15.0
7.0
16.5
200
F161ZS334(1)400(2)
400
200
0.39
6560
15.0
7.0
16.5
200
F161ZS394(1)400(2)
400
200
0.47
6560
15.0
7.0
16.5
200
F161ZS474(1)400(2)
630
250
0.1
6560
15.0
7.0
16.5
250
F161ZS104(1)630(2)
630
250
0.12
6560
15.0
7.0
16.5
250
F161ZS124(1)630(2)
630
250
0.15
6560
15.0
7.0
16.5
250
F161ZS154(1)630(2)
630
250
0.18
6560
15.0
7.0
16.5
250
F161ZS184(1)630(2)
VDC
VAC
Capacitance
Value (µF)
Chip Size
B (mm)
H (mm)
L (mm)
dV/dt (Vµs)
Part Number


Similar Part No. - F161ZP103M630V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161ZS104K630V KEMET-F161ZS104K630V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.1 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS124K630V KEMET-F161ZS124K630V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.12 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS154K630V KEMET-F161ZS154K630V Datasheet
75Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.15 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS224K400V KEMET-F161ZS224K400V Datasheet
76Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, General Purpose, 400 VDC@85C
More results

Similar Description - F161ZP103M630V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com