Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3040C332MCGACTU Datasheet(PDF) 8 Page - Kemet Corporation

Part # C3040C332MCGACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C3040C332MCGACTU Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C3040C332MCGACTU Datasheet HTML 4Page - Kemet Corporation C3040C332MCGACTU Datasheet HTML 5Page - Kemet Corporation C3040C332MCGACTU Datasheet HTML 6Page - Kemet Corporation C3040C332MCGACTU Datasheet HTML 7Page - Kemet Corporation C3040C332MCGACTU Datasheet HTML 8Page - Kemet Corporation C3040C332MCGACTU Datasheet HTML 9Page - Kemet Corporation C3040C332MCGACTU Datasheet HTML 10Page - Kemet Corporation C3040C332MCGACTU Datasheet HTML 11Page - Kemet Corporation C3040C332MCGACTU Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1009_C0G_HV_SMD • 12/6/2016
8
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1812 – 2225 Case Sizes) cont'd
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.
Capacitance Cap
Code
Case Size/Series
C1812C
C1825C
C2220C
C2225C
Voltage Code
C B D F G Z H C B D F G Z H C B D F G Z H C B D F G Z H
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1,000 pF
102
F
G
J
K
M GH GH GH GH GM
HE HE HE HG HG HG
JE JK JK JK JK JK JN KE KE KE KF KE KF KJ
1,100 pF
112
F
G
J
K
M GH GK GK GH GO
HE HE HE HG HG HJ
JE JK JK JK JK JK
KE KE KE KF KF KF
1,200 pF
122
F
G
J
K
M GH GK GK GH GO
HE HE HE HG HG HJ
JE JK JK JK JK JL
KE KE KE KF KF KF
1,300 pF
132
F
G
J
K
M GH GK GK GH GO
HE HE HE HG HE HJ
JE JK JK JK JE JL
KE KE KE KF KF KH
1,500 pF
152
F
G
J
K
M GK GK GK GK GO
HE HE HE HG HE HK
JE JK JK JK JE JL
KE KE KE KF KF KH
1,600 pF
162
F
G
J
K
M GK GK GK GK
HE HG HG HG HG HK
JE JK JK JK JE JL
KE KE KE KF KE KH
1,800 pF
182
F
G
J
K
M GK GK GK GM
HE HG HG HG HG
JE JK JK JK JE JN
KE KE KE KF KE KH
2,000 pF
202
F
G
J
K
M GK GK GK GM
HE HG HG HE HJ
JE JK JK JE JK
KE KE KE KF KE KJ
2,200 pF
222
F
G
J
K
M GK GK GK GO
HE HG HG HE HJ
JE JK JK JE JK
KE KE KE KF KF KJ
2,400 pF
242
F
G
J
K
M GK GH GK GO
HE HG HG HE HJ
JK JK JK JE JL
KE KE KE KE KH
2,700 pF
272
F
G
J
K
M GK GH GK GO
HE HG HG HE HK
JK JK JK JE JL
KE KE KE KE KH
3,000 pF
302
F
G
J
K
M GK GH GK
HG HG HG HE HK
JK JK JK JE JL
KE KE KE KE KH
3,300 pF
332
F
G
J
K
M GK GH GK
HG HG HG HG
JK JK JK JK JN
KE KE KE KE KJ
3,600 pF
362
F
G
J
K
M GK GH GM
HG HG HG HG
JK JK JK JK JN
KE KF KF KF KJ
3,900 pF
392
F
G
J
K
M GK GH GM
HG HG HG HJ
JK JK JK JK JN
KE KF KF KF KJ
4,300 pF
432
F
G
J
K
M GH GH GO
HG HG HG HJ
JK JK JK JK
KE KF KF KF
4,700 pF
472
F
G
J
K
M GH GH GO
HG HG HG HJ
JK JK JK JL
KE KF KF KH
5,100 pF
512
F
G
J
K
M GH GK GO
HG HE HG HK
JK JK JK JL
KE KF KF KH
5,600 pF
562
F
G
J
K
M GH GK GO
HG HE HG HK
JK JK JK JN
KE KF KF KH
6,200pF
622
F
G
J
K
M GH GK
HG HE HG
JK JE JE JN
KE KF KF KJ
6,800pF
682
F
G
J
K
M GH GM
HG HE HJ
JK JE JK JN
KE KF KF KJ
7,500pF
752
F
G
J
K
M GH GM
HG HE HJ
JK JE JK
KF KE KF
8,200 pF
822
F
G
J
K
M GK GO
HG HE HJ
JK JE JL
KF KE KF
9,100 pF
912
F
G
J
K
M GM GO
HE HG HK
JE JE JL
KF KE KH
10,000 pF
103
F
G
J
K
M GM GO
HE HG HK
JE JE JL
KF KE KH
12,000 pF
123
F
G
J
K
M GO
HE HG
JE JK JN
KE KE KH
15,000 pF
153
F
G
J
K
M GO
HE HJ
JE JL
KE KF KJ
18,000 pF
183
F
G
J
K
M
HG HK
JE JL
KE KH
22,000 pF
223
F
G
J
K
M
HJ
JK JN
KF KJ
27,000 pF
273
F
G
J
K
M
HJ
JL JN
KF KJ
33,000 pF
333
F
G
J
K
M
HK
JN
KH
39,000 pF
393
F
G
J
K
M
KJ
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
C B D F G Z H C B D F G Z H C B D F G Z H C B D F G Z H
Case Size/Series
C1812C
C1825C
C2220C
C2225C


Similar Part No. - C3040C332MCGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C3040C332MCGACAUTO KEMET-C3040C332MCGACAUTO Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C3040C332MCGACAUTO KEMET-C3040C332MCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C3040C332MCGACAUTO KEMET-C3040C332MCGACAUTO Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
More results

Similar Description - C3040C332MCGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com