Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393222-1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 9-1393222-1
Description  General Purpose Low Power PCB Relays
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
3
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay MSR V23061 (Continued)
Product code structure
Typical product code
V23061
-A
1
007
-A
3
02
Type
V23061
Miniature Power PCB Relay MSR
Version
A
1 form A contact (1 NO), UL-class A
B
1 form C contact (1 CO), UL-class A
C
1 form A contact (1 NO), UL-class F
D
1 form C contact (1 CO), UL-class F
Version
1
Wash tight
2
Flux proof
Coil
Coil-code: please refer to coil versions table
Contact system
A
Standard
Contact material
3
AgSnO
2
8
AgNi 90/10
Contact information
01
1 form C (CO) contact
02
1 form A (NO) contact
Other types on request
Product code
Version
Contacts
Contact material
Coil
Part Number
V23061-A1002-A302
Wash tight
1 form A
AgSnO
2
5VDC
1393222-4
V23061-A1003-A302
1 NO contact
6VDC
1393222-9
V23061-A1005-A302
12VDC
2-1393222-0
V23061-A1007-A302
24VDC
3-1393222-9
V23061-B1002-A301
1 form C
5VDC
7-1393222-2
V23061-B1005-A301
1 CO contact
12VDC
9-1393222-1
V23061-B1007-A301
24VDC
1-1393223-7
V23061-B1009-A301
48VDC
3-1393223-7
V23061-C2001-A802
Flux proof
1 form A
AgNi 90/10
3VDC
5-1416200-3
V23061-C2002-A802
1 NO contact
5VDC
5-1416200-4
V23061-C2003-A802
6VDC
5-1416200-5
V23061-C2004-A802
9VDC
5-1416200-6
V23061-C2005-A802
12VDC
5-1416200-0
V23061-C2007-A802
24VDC
5-1416200-8
V23061-C2009-A802
48VDC
6-1416200-0
V23061-C2010-A802
60VDC
6-1416200-1
V23061-D2001-A801
1 form C
3VDC
6-1416200-2
V23061-D2002-A801
1 CO contact
5VDC
6-1416200-3
V23061-D2003-A801
6VDC
6-1416200-4
V23061-D2004-A801
9VDC
6-1416200-5
V23061-D2005-A801
12VDC
6-1416200-6
V23061-D2007-A801
24VDC
6-1416200-7
V23061-D2009-A801
48VDC
6-1416200-9
V23061-D2010-A801
60VDC
7-1416200-0




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl