Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4GAMUD4250AA1J Datasheet(PDF) 3 Page - Kemet Corporation

Part # C4GAMUD4250AA1J
Description  Printed Circuit Board Mount Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4GAMUD4250AA1J Datasheet(HTML) 3 Page - Kemet Corporation

  C4GAMUD4250AA1J Datasheet HTML 1Page - Kemet Corporation C4GAMUD4250AA1J Datasheet HTML 2Page - Kemet Corporation C4GAMUD4250AA1J Datasheet HTML 3Page - Kemet Corporation C4GAMUD4250AA1J Datasheet HTML 4Page - Kemet Corporation C4GAMUD4250AA1J Datasheet HTML 5Page - Kemet Corporation C4GAMUD4250AA1J Datasheet HTML 6Page - Kemet Corporation C4GAMUD4250AA1J Datasheet HTML 7Page - Kemet Corporation C4GAMUD4250AA1J Datasheet HTML 8Page - Kemet Corporation C4GAMUD4250AA1J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3040_C4G_AXIAL • 4/20/2016
3
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4G Series, Axial Round, 250 – 850 VDC/160 – 450 VAC
Performance Characteristics
Temperature Range
-40°C to +85°C
Maximum Permissible Ambient
Temperature
+70°C
IEC Climatic Category
40/85/56 according to IEC 68–1
Peak Non-Repetitive Maximum
Current
I
PKR x 1.5
Test Voltage Terminal to Terminal
(VTT)
2 V
n for 10 seconds
Test Voltage Terminal to Case
(VTC)
3 k VDC 50 Hz for 60 seconds
Insulation Resistance Test
Conditions
Temperature: +25°C ±5%
Voltage charge time: 1 minute
Test voltage: 100 VDC
Typical value (Ris x C): 3,000
seconds
Dissipation Factor (DF)
≤ 5 x 10-4 at 1 kHz and 20°C
Capacitance Deviation in
Operating Temperature Range of
-40°C to +85°C
±1.5% maximum on capacitance
value measured at +20°C
Life Expectancy
≥ 30,000 hours at V
RMS, ≥ 100,000
hours at V
n
Failure Quota
300/109 components per hour
Change of Capacitance vs.
Operating Time
-3% after 30,000 hours at V
RMS or
after 100,000 hours at V
n
Protection
Polyester wrapping with epoxy
resin fill
Flame Retardant (IEC 384–1)
Standard execution: non-flame
retardant
On request: flame retardant
execution Category C
Leads
Tinned copper (lead content = 5%)
Installation
Any position
Damp Heat Test
Test Conditions
Relative humidity: 93% ± 2%
Temperature: +40°C
Test duration: 56 days
Capacitance change: ≤ ± 5%
DF change: ≤ 50% of nominal
value at 1 kHz
Insulation resistance: ≥ 50% of
limit value


Similar Part No. - C4GAMUD4250AA1J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4GAFUD5100AA1J KEMET-C4GAFUD5100AA1J Datasheet
52Kb / 1P
   C4G, Film, Metallized Polypropylene, Power, 10 uF, 5%, 400 V, 250 V, 70C
More results

Similar Description - C4GAMUD4250AA1J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAMUB3100AA0J KEMET-C4CAMUB3100AA0J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com