Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7012ACL Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 7012ACL
Description  Available in on-delay, true off-delay, and on/off-delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7012ACL Datasheet(HTML) 4 Page - TE Connectivity Ltd

  7012ACL Datasheet HTML 1Page - TE Connectivity Ltd 7012ACL Datasheet HTML 2Page - TE Connectivity Ltd 7012ACL Datasheet HTML 3Page - TE Connectivity Ltd 7012ACL Datasheet HTML 4Page - TE Connectivity Ltd 7012ACL Datasheet HTML 5Page - TE Connectivity Ltd 7012ACL Datasheet HTML 6Page - TE Connectivity Ltd 7012ACL Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
12–11
AGASTAT 7000 Series, Industrial Electropneumatic Timing Relay (Continued)
Specialty Relays
12
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Timing Specifications (All values shown are at nominal voltage and 25°C unless otherwise specified)
Minimum operating voltages are based on vertically mounted 7012 units. 7012 hori-
zontally mounted or 7022 vertically or horizontally mounted units will operate satis-
factorily at minimum voltages approximately 5% lower than those listed.
AC units drop out at approximately 50% of rated voltage. DC units drop out at approx-
imately 10% of rated voltage.
All units may be operated on intermittent duty cycles at voltages 10% above the listed
maximums (intermittent duty - maximum 50% duty cycle and 30 minutes “on” time.)
Surge/Transient Protection Option Characteristics (DC Timers Only)
Coil Voltage
Max Excess
Max De-energization
Nominal (DC)
Energy Capacity (Joule)
Transient Voltage
12 V
0.4 J
48 V
24 V
1.8 J
93 V
28 V
1.8 J
93 V
32 V
2.5 J
135 V
48 V
3.57 J
145 V
60 V
6 J
250 V
96 V
10 J
340 V
110 V
10 J
340 V
125 V
10 J
340 V
220 V
17 J
366 V
250 V
17 J
366 V
Surge Life —
Applied 100,000 times continuously with the interval of 10 seconds at room tempera-
ture. Below 68 VAC: 12A; Above 68 VAC: 35A
Temperature Range —
Operating — -22°F to +167°F (-30°C to + 75°C)
Storage — -40°F to +167°F (-40°C to +75°C)
Output/Life Contact Ratings — Contact Capacity in Amps (Resistive Load)
Contact
Min. 100,000
Min. 1,000,000
Voltage
Operations
Operations
30 VDC
15.0
7.0
110 VDC
1.0
0.5
120 V 60Hz
20.0
15.0
240 V 60Hz
20.0
15.0
480 V 60Hz
12.0
10.0
10 Amps Resistive, 240 VAC
1/4 Horsepower, 120 VAC/240VAC (per pole)
15 Amps 30 VDC (per pole)
5 Amps, General Purpose, 600VAC (per pole)
Dielectric — Withstands 1500 volts RMS 60Hz between terminals and ground.
1,000 volts RMS 60 Hz between non-connected terminals. For dielectric specification
on hermetically sealed models consult factory.
Insulation Resistance — 500 Megohms with 500VDC applied.
Temperature Range —
Operating — -20°F to +165°F (-29°C to 74°C)
Storage — -67°F to +165°F (-55°C to 74°C)
Temperature Variation — Using a fixed time delay which was set and measured
when the ambient temperature was 77°F (25°C), the maximum observed shift in the
average of three consecutive time delays was -20% at -20°F (-29°C) and +20% at
165°F (74°C).
Mounting/Terminals — Normal mounting of the basic unit is in a vertical position,
from the back of the panel. All units are tested for vertical operation. Basic
models (7012, 7022) may also be horizontally mounted, and will be adjusted accord-
ingly when Accessory Y1 is specified in your order.
Standard screw terminals (8-32 truss head screws supplied) are located on the front of
the unit, with permanent schematic markings. Barrier isolation is designed to accom-
modate spade or ring tongue terminals, with spacing to meet all industrial control
specifications.
The basic Series 7000 may also be panel mounted with the addition of a panel mount
kit, X option, that includes all necessary hardware and faceplate. This offers the
convenience of “out-front” adjustment, with large dial skirt knob. The faceplate and
knob blend with advanced equipment and console designs, while the body of the unit
and its wiring are protected behind the panel.
Other mounting options include plug-in styles and special configurations to meet
unusual installation requirements. Contact factory for details.
Power Consumption — Approximately 8 watts power at rated voltage .
Approximate Weights —
Models
7012, 7022 . . . . . . . . . . . . . . . . . . . . . . . 2 lbs. 4 ozs.
7014, 7024 . . . . . . . . . . . . . . . . . . . . . . 2 lbs. 10 ozs.
7032 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 lbs. 5 ozs.
Weight may vary slightly with coil voltage.


Similar Part No. - 7012ACL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7012ACL MACOM-7012ACL Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
More results

Similar Description - 7012ACL

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SCE TEC-SCE Datasheet
147Kb / 1P
   True Off-Delay timing modes
logo
Tyco Electronics
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
   Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
logo
Carlo Gavazzi Holding A...
DBB02 CARLOGAVAZZI-DBB02 Datasheet
124Kb / 3P
   Timers True delay on release
logo
List of Unclassifed Man...
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
   Timers True delay on release
logo
Carlo Gavazzi Holding A...
DBB51 CARLOGAVAZZI-DBB51 Datasheet
70Kb / 2P
   Timers True Delay on Release
logo
Littelfuse
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
   Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
   OFF DELAY TIMER
logo
Littelfuse
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
   Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
logo
Carlo Gavazzi Holding A...
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
   Timers True delay on release Types
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com