Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4GAJUD4400AA1J Datasheet(PDF) 10 Page - Kemet Corporation

Part # C4GAJUD4400AA1J
Description  Printed Circuit Board Mount Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4GAJUD4400AA1J Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C4GAJUD4400AA1J Datasheet HTML 2Page - Kemet Corporation C4GAJUD4400AA1J Datasheet HTML 3Page - Kemet Corporation C4GAJUD4400AA1J Datasheet HTML 4Page - Kemet Corporation C4GAJUD4400AA1J Datasheet HTML 5Page - Kemet Corporation C4GAJUD4400AA1J Datasheet HTML 6Page - Kemet Corporation C4GAJUD4400AA1J Datasheet HTML 7Page - Kemet Corporation C4GAJUD4400AA1J Datasheet HTML 8Page - Kemet Corporation C4GAJUD4400AA1J Datasheet HTML 9Page - Kemet Corporation C4GAJUD4400AA1J Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3040_C4G_AXIAL • 4/20/2016 10
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4G Series, Axial Round, 250 – 850 VDC/160 – 450 VAC
Prototype Sample Disclaimer
The Customer acknowledges the following limitations of the prototype samples:
(1) Prototype samples are manufactured from preliminary designs and manufacturing processes; may not represent final designs; have not been released for
commercial use and are not subject to the same quality control procedures applicable to released products.
(2) Prototype samples are not qualified parts and are provided “as-is” by KEMET Electronics Corporation, which specifically disclaims any and all warranties and
guarantees, explicit or implied, including, without limitation, the warranties of merchantability and fitness for a particular purpose or use.
(3) Prototype samples are not intended for commercial use; are provided for engineering evaluation only and are not recommended for use in the Customer’s
production line.
(4) The Customer assumes the risk ofany and alluses that the Customer makes of the prototype samples.
General Disclaimer
“All product specifications, statements, information and data given herein are believed to be accurate and reliable, but are presented without guarantee, warranty,
or responsibility of any kind, expressed or implied. Statements of suitability for certain applications are based on our knowledge of typical operating conditions for
such applications, but are not intended to constitute – and we specifically disclaim – any warranty concerning suitability for a specific customer application or use.
This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application.
KEMET’s product warranty is set forth at www.kemet.com under Terms and Conditions of Sale.”


Similar Part No. - C4GAJUD4400AA1J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4GAFUD5100AA1J KEMET-C4GAFUD5100AA1J Datasheet
52Kb / 1P
   C4G, Film, Metallized Polypropylene, Power, 10 uF, 5%, 400 V, 250 V, 70C
More results

Similar Description - C4GAJUD4400AA1J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAMUB3100AA0J KEMET-C4CAMUB3100AA0J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com