Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F161ZP103K100V Datasheet(PDF) 4 Page - Kemet Corporation

Part # F161ZP103K100V
Description  General Purpose and High Stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F161ZP103K100V Datasheet(HTML) 4 Page - Kemet Corporation

  F161ZP103K100V Datasheet HTML 1Page - Kemet Corporation F161ZP103K100V Datasheet HTML 2Page - Kemet Corporation F161ZP103K100V Datasheet HTML 3Page - Kemet Corporation F161ZP103K100V Datasheet HTML 4Page - Kemet Corporation F161ZP103K100V Datasheet HTML 5Page - Kemet Corporation F161ZP103K100V Datasheet HTML 6Page - Kemet Corporation F161ZP103K100V Datasheet HTML 7Page - Kemet Corporation F161ZP103K100V Datasheet HTML 8Page - Kemet Corporation F161ZP103K100V Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3086_F161 • 2/25/2016
4
Film Surface Mount Capacitors
General Purpose and High Stability – F161 Series Encapsulated Stacked, Size 2220 – 6560, 50 – 400 VDC
Performance Characteristics
Rated Voltage (VDC)
50
63
100
250
400
630
Rated Voltage (VAC)
30
40
63
160
200
250
CapacitanceRange(μF)
0.01 – 12
0.01 – 4.7
0.01 – 4.7
0.01 – 1
0.022 – 0.47
0.1 – 0.18
Chip Size (EIA)
2220 – 6560
Capacitance Tolerance
±5%, ±10%, ±20%; other tolerances available on request
Category Temperature Range
-55°Cto+125°C
Rated Temperature
+85°C
Voltage Derating
Theratedvoltageisdecreasedwith1.25%/°Cfrom+85°C
Climatic Category
55/125/56
Test Voltage
1.6 x V
R, 60 seconds
Insulation Resistance
Measuredat+20°C,ChargingTime1Minute
Minimum Values Between Terminals
Charging Voltage
C≤0.33µF
C > 0.33 µF
10 V for V
R≤100
1,000MΩ
400MΩ•µF
100 v for V
R > 100
1,000MΩ
400MΩ•µF
Dissipation Factor
MaximumValuesat+23°C
C≤0.1µF
0.1 < C < 1 µF
1≤C≤10µF
C > 10 µF
1 kHz
0.8%
0.8%
0.8%
0.8%
10 kHz
1.2%
1.2%
1.5%
3.0%
100 kHz
2.5%
3.0%
Maximum
Pulse Rise
Time
The capacitors can withstand an unlimited number of pulses with a dV/dt according to Table below.
Voltage Range
50 VDC
63 VDC
100 VDC
250 VDC
400 VDC
630 VDC
dV/dt (V/µs)
40
40
50
150
200
250
Capacitance vs. Temperature
Dissipation Factor vs. Temperature


Similar Part No. - F161ZP103K100V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F161ZS104K630V KEMET-F161ZS104K630V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.1 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS124K630V KEMET-F161ZS124K630V Datasheet
74Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.12 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS154K630V KEMET-F161ZS154K630V Datasheet
75Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.15 uF, 10%, 630 V, 250 V, 85C, 6560, 7mm
F161ZS224K400V KEMET-F161ZS224K400V Datasheet
76Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, General Purpose, 400 VDC@85C
More results

Similar Description - F161ZP103K100V

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com