Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1490556-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1490556-1
Description  The die assemblies consist of stationary dies and moving dies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1490556-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1490556-1 Datasheet HTML 1Page - Tyco Electronics 1490556-1 Datasheet HTML 2Page - Tyco Electronics 1490556-1 Datasheet HTML 3Page - Tyco Electronics 1490556-1 Datasheet HTML 4Page - Tyco Electronics 1490556-1 Datasheet HTML 5Page - Tyco Electronics 1490556-1 Datasheet HTML 6Page - Tyco Electronics 1490556-1 Datasheet HTML 7Page - Tyco Electronics 1490556-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
408-10210
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
Rev A
2 of 8
Tyco Electronics Corporation
3. Release the button and rock the die back and
forth until the nest snaps into position.
4. Activate the power unit until the lower die
release button located in the ram is exposed.
5. Depress the release button.
6. Slide the indenter into position in the ram. See
Figure 2.
7. Release the button and rock the indenter back
and forth until the die snaps into position.
8. Return ram to the down position.
2.2. Die Removal
1. Actuate the upper release button located in the
“C”–head or closed head and slide the nest out of
the head.
2. Activate the power unit until the lower die
release button (located in the ram) is exposed.
3. Depress the die release button and slide the
indenter out of the ram.
2.3. Wire, Terminal, and Splice Selection (Figure 3)
Refer to the table in Figure 3 and select the
appropriate wire, die assembly, and terminal or splice.
Strip the wire to the length indicated in the table.
DO NOT nick or cut the wire strands.
For aluminum-to-aluminum application, butt
splices will accept the same wire size at either
end. However, for aluminum-to-copper
applications, the size of the copper wire must be
decreased to a smaller size to compensate for
differences in the electrical properties of copper
and aluminum. It is also necessary to use a
smaller wire size when using copper wire in a
terminal. Refer to CMA range listed with each
wire size in Figure 3.
Wire Strip Lengths
+1.59 mm [+1/16 in.]
Butt Splice (BS)
Ring-Tongue Terminal
(RT) Single Hole
B" Equals Wire Barrel
C" Equals Insulation Barrel
Blue Ink Ring
A"
D"
D"
C"
B"
C"
B"
Copper
Side
Transitional Butt
Splice (TS)
4 Layers of
Insulation
Aluminum
Side
C"
B"
C"
B"
Ring-Tongue Terminal
(RT) Two Hole
1 or 2 Layers
of Insulation
2 Layers of
Insulation
TERMINALS (RT)
BUTT
ALUMINUM
COPPER
STRIP LENGTH
SINGLE
HOLE
DOUBLE
HOLE
BUTT
SPLICES
(BS)
mm2
and
(CMA)F
AWG
Y
mm2
and
(CMA)F
AWG
J
A
INSUL
D
COND
DIE SET
NUMBER
HEAD
NUMBER
277147-[ ]
---
277156-[ ]
8.60
(16,564)
8
4.80
(9,354)
10
22.23
[7/8]
11.11
[7/16]
1490555-1
1901821 1
277148-[ ]
55832-[ ]
277157-[ ]
14.60
(28,280)
6
8.80
(16,983)
8
22.23
[7/8]
12.70
[1/2]
1490556-1
1901821-1
1976230-1B
1490749-1
277149-[ ]
55833-[ ]
55834-[ ]s
277158-[ ]
21.90
(42,420)
4
13.80
(26,818)
6
25.40
[1]
17.45
[11/16]
1490557-1
1490749-1
FCircular Mill Area; YSee Military Specification, MIL–W–7072 for Specific Wire Requirements; JSee Military Specification, MIL–W–22759E
for Specific Wire Requirements;
sHigh Temperature Silver Plated; BCrimping Head 1976230–1 CANNOT Crimp Splices
Figure 3 (cont’d)
CAUTION
!
NOTE
i


Similar Part No. - 1490556-1

ManufacturerPart #DatasheetDescription
logo
Heyco.
14905 HEYCO-14905 Datasheet
87Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Weidmuller
1490500000 WEIDMULLER-1490500000 Datasheet
742Kb / 22P
   Cable glands
logo
Tyco Electronics
1490534-1 MACOM-1490534-1 Datasheet
320Kb / 6P
   This instruction sheet provides information on product application and a maintenance and inspection
1490535-1 MACOM-1490535-1 Datasheet
320Kb / 6P
   This instruction sheet provides information on product application and a maintenance and inspection
1490536-1 MACOM-1490536-1 Datasheet
320Kb / 6P
   This instruction sheet provides information on product application and a maintenance and inspection
More results

Similar Description - 1490556-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Tyco Electronics
408-10176 MACOM-408-10176 Datasheet
147Kb / 3P
   The tool consists of a head with a stationary die holder and moving die holder and handles with a ratchet.
logo
TE Connectivity Ltd
408-1729 TEC-408-1729 Datasheet
710Kb / 11P
   Crimping Dies
logo
Molex Electronics Ltd.
0011402261 MOLEX-0011402261 Datasheet
33Kb / 1P
   Terminator Dies
07/31/2021
0011402215 MOLEX-0011402215 Datasheet
33Kb / 1P
   Terminator Dies
07/30/2021
logo
TE Connectivity Ltd
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
logo
PHOENIX CONTACT
CRIMPFOX-RCI-2 PHOENIX-CRIMPFOX-RCI-2 Datasheet
70Kb / 3P
   The color-coded dies clearly indicate the cross section
logo
Molex Electronics Ltd.
0190780134 MOLEX-0190780134 Datasheet
29Kb / 1P
   Hydraulic Crimp Dies
01/25/2022
0190780133 MOLEX-0190780133 Datasheet
31Kb / 1P
   Hydraulic Crimp Dies
01/25/2022
logo
Tyco Electronics
45442 MACOM-45442 Datasheet
439Kb / 8P
   SOLISTRAND Crimping Dies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com