Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F125WP102R250V Datasheet(PDF) 3 Page - Kemet Corporation

Part # F125WP102R250V
Description  Surface Mount Metallized PPS Film Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F125WP102R250V Datasheet(HTML) 3 Page - Kemet Corporation

  F125WP102R250V Datasheet HTML 1Page - Kemet Corporation F125WP102R250V Datasheet HTML 2Page - Kemet Corporation F125WP102R250V Datasheet HTML 3Page - Kemet Corporation F125WP102R250V Datasheet HTML 4Page - Kemet Corporation F125WP102R250V Datasheet HTML 5Page - Kemet Corporation F125WP102R250V Datasheet HTML 6Page - Kemet Corporation F125WP102R250V Datasheet HTML 7Page - Kemet Corporation F125WP102R250V Datasheet HTML 8Page - Kemet Corporation F125WP102R250V Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3083_SMC • 2/24/2016
3
Surface Mount Metallized PPS Film Capacitor
SMC Series Encapsulated, Size 2220 – 6560, 50 – 400 VDC
Dimensions – Millimeters
L
H
B
F
F
KEMET
Size Code
Legacy
Size Code
Chip Size
(EIA)
B
H
L
F
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
PP
J33
2220
5.0
+/-0.2
3.0
+/-0.2
5.7
+/-0.2
0.5
Nominal
PU
J35
2220
5.0
+/-0.2
4.0
+/-0.2
5.7
+/-0.2
0.5
Nominal
SL
K33
2824
6.0
+/-0.2
3.0
+/-0.2
7.3
+/-0.2
0.5
Nominal
SP
K35
2824
6.0
+/-0.2
3.5
+/-0.2
7.3
+/-0.2
0.5
Nominal
ST
K37
2824
6.0
+/-0.2
4.5
+/-0.2
7.3
+/-0.2
0.5
Nominal
WP
A31
4036
9.1
+/-0.2
5.5
+/-0.2
10.2
+/-0.2
0.5
Nominal
YR
B31
5045
11.5
+/-0.2
6.5
+/-0.2
12.7
+/-0.2
0.5
Nominal
ZS
C31
6560
15
+/-0.2
7.0
+/-0.2
16.5
+/-0.2
0.5
Nominal
Environmental Compliance
All KEMET surface mount capacitors are RoHS Compliant.


Similar Part No. - F125WP102R250V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F125 TI-F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P ETC1-F1257WV-10P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-10P-T ETC1-F1257WV-10P-T Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
F1257WV-11P ETC1-F1257WV-11P Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
More results

Similar Description - F125WP102R250V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com