Electronic Components Datasheet Search |
|
1804174-1 Datasheet(PDF) 1 Page - Tyco Electronics |
|
1804174-1 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 2 page Instruction Sheet Removal Tools 1804171- 1, 1804173- 1, and 1804174- 1 for Housing of Z- PACK* 408--10055 LOC B 1 of 2 E 2009 Tyco Electronics Corporation, Harrisburg, PA All International Rights Reserved TE logo and Tyco Electronics are trademarks. *Trademark. Other products, logos, and company names used are the property of their respective owners. TOOLING ASSISTANCE CENTER 1--800--722--1111 PRODUCT INFORMATION 1--800--522--6752 This controlled document is subject to change. For latest revision and Regional Customer Service, visit our website at www.tycoelectronics.com 10 SEP 09 Rev B Hard Metric (HM)- Zd Right- Angle Headers Thumbscrew Knob Pusher (2 Places) Puller Lever Arm (2 Places) Release Block Lever REMOVAL TOOL RIGHT--ANGLE HEADER 1804171--1 2--Pair 1804173--1 3--Pair 1804174--1 4--Pair Figure 1 1. INTRODUCTION The removal tools listed in Figure 1 are designed to remove the housing from the chicklets of Z--PACK HM--Zd right--angle headers. The chicklets will remain on the printed circuit (pc) board. Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY. 2. DESCRIPTION Each removal tool consists of the components shown in Figure 1. After the release block is attached to the front of the header, the thumbscrew knob is used to secure the puller to the housing. Rotating the lever moves the pushers against the pc board and pulls the housing from the header. 3. ADJUSTMENT Before using the removal tool, each pusher must be positioned according to the location of the header on the pc board. Refer to Figure 2. To avoid damage to the header or pc board, make sure that the pushers are properly positioned before using the removal tool. Adjust the pusher(s) as follows: 1. Remove the screws that secure the lever arm (to be adjusted) onto the lever. Pull the lever arm from the groove pin. See Figure 2. If adjusting both pushers, pull the other lever arm, with the lever attached, from the groove pin. 2. Flip the pusher(s) so that either the longer--length end (standard position, shown in Figure 2) or shorter--length end (reversed position) faces the front of the removal tool. For the standard position, make sure that the indent of the pusher faces outward. Refer to Figure 2. 3. Place the hole of the lever arm onto the groove pin, and place the dowel pin of the lever arm into the hole (of the pusher) closest to back of removal tool. Refer to Figure 2. If adjusting both pushers, do the same for the other lever arm (with the lever attached). 4. Secure the lever arm to the lever with the screws. Lever Arm Groove Pin Front of Removal Tool Indent Longer--Length End of Pusher Shorter--Length End of Pusher Screws Dowel Pin Hole HEADER LOCATION LEFT PUSHER POSITION RIGHT PUSHER POSITION Single Standard Standard Right End of Stack Reversed Standard Left End of Stack Standard Reversed Middle of Stack Reversed Reversed Figure 2 4. REMOVAL PROCEDURE 1. Loosen, but do not remove, the thumbscrew so that the puller can be positioned at an angle. See Figure 3, Detail A. CAUTION ! |
Similar Part No. - 1804174-1 |
|
Similar Description - 1804174-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |