Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

188-34B200 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 188-34B200
Description  30 Amp Power Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

188-34B200 Datasheet(HTML) 1 Page - Tyco Electronics

  188-34B200 Datasheet HTML 1Page - Tyco Electronics 188-34B200 Datasheet HTML 2Page - Tyco Electronics 188-34B200 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
188 series
30 Amp Power Relays
File E38802
File LR54109
Users should thoroughly review the technical data before selecting a product
part number. It is recommended that users also seek out the pertinent approvals
files of the agencies/laboratories and review them to confirm the product meets
the requirements for a given application.
Features
• AC coils 6-240VAC 50/60 Hz., DC 6-110VDC.
• Single pole, double throw, double break/double make contacts.
• .250" combination quick connect/solder terminals or PC terminals.
• Various mounting options include stud, core, bracket, flange, PC board.
• Open-style relay or with dust cover.
Contact Data @ 25°C
Arrangements:
1 Form X (SPST-NO-DM), 1 Form Y (SPST-NC-DB and
1 Form Z (SPDT-NC/NO-DB/DM).
Material: Silver-cadmium oxide, .25” (6.5mm) dia.
Expected Mechanical Life: 10 million operations.
Initial Contact Resistance: 50 milliohms.
Coil Data @ 25°C
Voltage: 6-110VDC and 6-240VAC.
Nominal Power:
DC Coils: 1.2 Watts.
AC Coils: 3.0VA.
Duty Cycle: Continuous at up to 25% overvoltage.
Initial Insulation Resistance: 1,000 megohms, min. @ 500VDC
Insulation: Class B, 130°C.
Temperature Rise:
AC Coils:
Nominal Voltage: 35°C for open models.
45°C for enclosed models.
25% Overvoltage: 55°C for open models.
65°C for enclosed models.
DC Coils:
Nominal Voltage: 35°C for open models.
40°C for enclosed models.
25% Overvoltage: 50°C for open models.
55°C for enclosed models.
Initial Dielectric Strength
Between Open Contacts: >1,200V rms, 60 Hz.
Between All Other Mutually Isolated Elements: >2,500V rms, 60 Hz.
Operate Data @ 25°C
Must Operate Voltage:
DC Coils: 75% of nominal.
AC Coils: 85% of nominal.
Operate Time (Excluding Bounce): 20 milliseconds, max, at nominal
voltage, no coil suppression.
Release Time (Excluding Bounce): 10 milliseconds, max, at nominal
voltage, no coil suppression.
Environmental Data
T
emperature Range (50/60 Hz operation, based on 105°C limit):
Operating
AC Coils:
-45°C to +70°C for open models.
-45°C to +60°C for enclosed models.
DC Coils:
-45°C to +80°C for open models.
-45°C to +70°C for enclosed models.
Storage
All: -65°C to +100°C.
Shock: 15g’s, 11 ± 1 ms (non-operating, no mechanical damage).
Vibration:
.1" double amplitude or 10 g’s, 10-55 Hz. (operating, no
contact chatter).
Mechanical Data
Termination: .250" quick connect/solder; and PC board.
Enclosure: Open or polycarbonate dust cover.
Weight: 3 oz. (86g) approximately.
Coil Data
DC
Must
Nominal
Resistance
Operate
Voltage
in Ohms
Voltage
± 10%
6
32
4.5
DC
12
120
9.0
Coils
24
470
18.0
48
1,800
36.0
110
11,000
82.5
6
4.2
5.1
12
18
10.2
AC
24
72
20.4
Coils
120
1,700
102.0
208
5,400
176.8
240
7,200
204.0
Contact Ratings
Contact
UL Ratings
Expected
Arrangement
Life
1 Form X,
30A 120/240/277VAC
100,000
1 Form Y &
15A 480/600VAC
ops.
1 Form Z
1 HP @ 120VAC,
1 1/2 HP @ 240VAC
2 HP @ 208/277VAC*
30A @ 28VDC
*2 HP rating at reduced electrical life, consult factory.
Revised 5-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803


Similar Part No. - 188-34B200

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
188-1 GILWAY-188-1 Datasheet
59Kb / 1P
   Subminiature Krypton Lamps with Lens-End
188-1 GILWAY-188-1 Datasheet
59Kb / 1P
   Subminiature Krypton Lams with Lens(Clear)-End
More results

Similar Description - 188-34B200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KUHP MACOM-KUHP Datasheet
149Kb / 2P
   30 Amp Power Relays
187 MACOM-187 Datasheet
194Kb / 3P
   20-25 Amp Power Relays
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
   30 AMP POWER RELAY
logo
American Zettler, Inc.
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
   30 AMP POWER RELAY
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
   30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com